Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 73 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 73 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 69Page - Texas Instruments TDA2EX Datasheet HTML 70Page - Texas Instruments TDA2EX Datasheet HTML 71Page - Texas Instruments TDA2EX Datasheet HTML 72Page - Texas Instruments TDA2EX Datasheet HTML 73Page - Texas Instruments TDA2EX Datasheet HTML 74Page - Texas Instruments TDA2EX Datasheet HTML 75Page - Texas Instruments TDA2EX Datasheet HTML 76Page - Texas Instruments TDA2EX Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 391 page
background image
73
TDA2EG-17
www.ti.com
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
4.3.15 DCAN
NOTE
For more information, see the Serial Communication Interface / DCAN section of the device
TRM.
Table 4-16. DCAN Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
DCAN 1
dcan1_rx
DCAN1 receive data pin
IO
H23, AC10
dcan1_tx
DCAN1 transmit data pin
IO
H22
DCAN 2
dcan2_rx
DCAN2 receive data pin
IO
E25, K22, AB10
dcan2_tx
DCAN2 transmit data pin
IO
E24, H21
4.3.16 GMAC_SW
NOTE
For more information, see the Serial Communication Interfaces / Ethernet Controller section
of the device TRM.
Table 4-17. GMAC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
rgmii0_rxc
RGMII0 Receive Clock
I
N2
rgmii0_rxctl
RGMII0 Receive Control
I
P2
rgmii0_rxd0
RGMII0 Receive Data
I
N4
rgmii0_rxd1
RGMII0 Receive Data
I
N3
rgmii0_rxd2
RGMII0 Receive Data
I
P1
rgmii0_rxd3
RGMII0 Receive Data
I
N1
rgmii0_txc
RGMII0 Transmit Clock
O
T4
rgmii0_txctl
RGMII0 Transmit Enable
O
T5
rgmii0_txd0
RGMII0 Transmit Data
O
R1
rgmii0_txd1
RGMII0 Transmit Data
O
R2
rgmii0_txd2
RGMII0 Transmit Data
O
P3
rgmii0_txd3
RGMII0 Transmit Data
O
P4
rgmii1_rxc
RGMII1 Receive Clock
I
E11
rgmii1_rxctl
RGMII1 Receive Control
I
F11
rgmii1_rxd0
RGMII1 Receive Data
I
D13
rgmii1_rxd1
RGMII1 Receive Data
I
C13
rgmii1_rxd2
RGMII1 Receive Data
I
E13
rgmii1_rxd3
RGMII1 Receive Data
I
B13
rgmii1_txc
RGMII1 Transmit Clock
O
B11
rgmii1_txctl
RGMII1 Transmit Enable
O
D11
rgmii1_txd0
RGMII1 Transmit Data
O
A13
rgmii1_txd1
RGMII1 Transmit Data
O
A12
rgmii1_txd2
RGMII1 Transmit Data
O
B12
rgmii1_txd3
RGMII1 Transmit Data
O
C11
mii1_col
MII1 Collision Detect (Sense) input
I
E13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com