Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 91 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 91 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 87Page - Texas Instruments TDA2EX Datasheet HTML 88Page - Texas Instruments TDA2EX Datasheet HTML 89Page - Texas Instruments TDA2EX Datasheet HTML 90Page - Texas Instruments TDA2EX Datasheet HTML 91Page - Texas Instruments TDA2EX Datasheet HTML 92Page - Texas Instruments TDA2EX Datasheet HTML 93Page - Texas Instruments TDA2EX Datasheet HTML 94Page - Texas Instruments TDA2EX Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 391 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
91
TDA2EG-17
www.ti.com
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
Table 4-27. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4*
5
6*
7
8
9
10
14*
15
0x1418
CTRL_CORE_PAD_
GPMC_AD6
B1
gpmc_ad6
vin1a_d6
vout3_d6
gpio1_12
sysboot6
0x141C
CTRL_CORE_PAD_
GPMC_AD7
B2
gpmc_ad7
vin1a_d7
vout3_d7
gpio1_13
sysboot7
0x1420
CTRL_CORE_PAD_
GPMC_AD8
C2
gpmc_ad8
vin1a_d8
vout3_d8
gpio7_18
sysboot8
0x1424
CTRL_CORE_PAD_
GPMC_AD9
D3
gpmc_ad9
vin1a_d9
vout3_d9
gpio7_19
sysboot9
0x1428
CTRL_CORE_PAD_
GPMC_AD10
A2
gpmc_ad10
vin1a_d10
vout3_d10
gpio7_28
sysboot10
0x142C
CTRL_CORE_PAD_
GPMC_AD11
B3
gpmc_ad11
vin1a_d11
vout3_d11
gpio7_29
sysboot11
0x1430
CTRL_CORE_PAD_
GPMC_AD12
C3
gpmc_ad12
vin1a_d12
vout3_d12
gpio1_18
sysboot12
0x1434
CTRL_CORE_PAD_
GPMC_AD13
C4
gpmc_ad13
vin1a_d13
vout3_d13
gpio1_19
sysboot13
0x1438
CTRL_CORE_PAD_
GPMC_AD14
A3
gpmc_ad14
vin1a_d14
vout3_d14
gpio1_20
sysboot14
0x143C
CTRL_CORE_PAD_
GPMC_AD15
B4
gpmc_ad15
vin1a_d15
vout3_d15
gpio1_21
sysboot15
0x1440
CTRL_CORE_PAD_
GPMC_A0
M1
gpmc_a0
vin1a_d16
vout3_d16
vin1b_d0
i2c4_scl
uart5_rxd
gpio7_3
gpmc_a26
gpmc_a16
Driver off
0x1444
CTRL_CORE_PAD_
GPMC_A1
M2
gpmc_a1
vin1a_d17
vout3_d17
vin1b_d1
i2c4_sda
uart5_txd
gpio7_4
Driver off
0x1448
CTRL_CORE_PAD_
GPMC_A2
L2
gpmc_a2
vin1a_d18
vout3_d18
vin1b_d2
uart7_rxd
uart5_ctsn
gpio7_5
Driver off
0x144C
CTRL_CORE_PAD_
GPMC_A3
L1
gpmc_a3
qspi1_cs2
vin1a_d19
vout3_d19
vin1b_d3
uart7_txd
uart5_rtsn
gpio7_6
Driver off
0x1450
CTRL_CORE_PAD_
GPMC_A4
K3
gpmc_a4
qspi1_cs3
vin1a_d20
vout3_d20
vin1b_d4
i2c5_scl
uart6_rxd
gpio1_26
Driver off
0x1454
CTRL_CORE_PAD_
GPMC_A5
K2
gpmc_a5
vin1a_d21
vout3_d21
vin1b_d5
i2c5_sda
uart6_txd
gpio1_27
Driver off
0x1458
CTRL_CORE_PAD_
GPMC_A6
J1
gpmc_a6
vin1a_d22
vout3_d22
vin1b_d6
uart8_rxd
uart6_ctsn
gpio1_28
Driver off
0x145C
CTRL_CORE_PAD_
GPMC_A7
K1
gpmc_a7
vin1a_d23
vout3_d23
vin1b_d7
uart8_txd
uart6_rtsn
gpio1_29
Driver off
0x1460
CTRL_CORE_PAD_
GPMC_A8
K4
gpmc_a8
vin1a_hsync0 vout3_hsync
vin1b_hsync1 timer12
spi4_sclk
gpio1_30
Driver off
0x1464
CTRL_CORE_PAD_
GPMC_A9
H1
gpmc_a9
vin1a_vsync0 vout3_vsync
vin1b_vsync1 timer11
spi4_d1
gpio1_31
Driver off
0x1468
CTRL_CORE_PAD_
GPMC_A10
J2
gpmc_a10
vin1a_de0
vout3_de
vin1b_clk1
timer10
spi4_d0
gpio2_0
Driver off
0x146C
CTRL_CORE_PAD_
GPMC_A11
L3
gpmc_a11
vin1a_fld0
vout3_fld
vin1b_de1
timer9
spi4_cs0
gpio2_1
Driver off
0x1470
CTRL_CORE_PAD_
GPMC_A12
G1
gpmc_a12
gpmc_a0
vin1b_fld1
timer8
spi4_cs1
dma_evt1
gpio2_2
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com