Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 69 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 69 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 65Page - Texas Instruments TDA2EX Datasheet HTML 66Page - Texas Instruments TDA2EX Datasheet HTML 67Page - Texas Instruments TDA2EX Datasheet HTML 68Page - Texas Instruments TDA2EX Datasheet HTML 69Page - Texas Instruments TDA2EX Datasheet HTML 70Page - Texas Instruments TDA2EX Datasheet HTML 71Page - Texas Instruments TDA2EX Datasheet HTML 72Page - Texas Instruments TDA2EX Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 391 page
background image
69
TDA2EG-17
www.ti.com
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-12. QSPI Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
qspi1_sclk
QSPI1 Serial Clock
IO
F2
qspi1_rtclk
QSPI1 Return Clock Input. Must be connected from QSPI1_SCLK on PCB. Refer
to PCB Guidelines for QSPI1
I
H3
qspi1_d0
QSPI1 Data[0]. This pin is output data for all commands/writes and for dual read
and quad read modes it becomes input data pin during read phase.
IO
K5
qspi1_d1
QSPI1 Data[1]. Input read data in all modes.
IO
G2
qspi1_d2
QSPI1 Data[2]. This pin is used only in quad read mode as input data pin during
read phase
IO
K6
qspi1_d3
QSPI1 Data[3]. This pin is used only in quad read mode as input data pin during
read phase
IO
H4
qspi1_cs0
QSPI1 Chip Select[0]. This pin is Used for QSPI1 boot modes.
IO
G4
qspi1_cs1
QSPI1 Chip Select[1]
O
G3
qspi1_cs2
QSPI1 Chip Select[2]
O
L1
qspi1_cs3
QSPI1 Chip Select[3]
O
K3
4.3.12 McASP
NOTE
For more information, see the Serial Communication Interface / Multichannel Audio Serial
Port (McASP) section of the device TRM.
Table 4-13. McASP Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Multichannel Audio Serial Port 1
mcasp1_axr0
McASP1 Transmit/Receive Data
IO
D14
mcasp1_axr1
McASP1 Transmit/Receive Data
IO
B14
mcasp1_axr2
McASP1 Transmit/Receive Data
IO
C14
mcasp1_axr3
McASP1 Transmit/Receive Data
IO
B15
mcasp1_axr4
McASP1 Transmit/Receive Data
IO
A15, J25
mcasp1_axr5
McASP1 Transmit/Receive Data
IO
A14, J24
mcasp1_axr6
McASP1 Transmit/Receive Data
IO
A17, H24
mcasp1_axr7
McASP1 Transmit/Receive Data
IO
A16, H25
mcasp1_axr8
McASP1 Transmit/Receive Data
IO
A18, H21
mcasp1_axr9
McASP1 Transmit/Receive Data
IO
B17, K22
mcasp1_axr10
McASP1 Transmit/Receive Data
IO
B16, K23
mcasp1_axr11
McASP1 Transmit/Receive Data
IO
B18
mcasp1_axr12
McASP1 Transmit/Receive Data
IO
A19
mcasp1_axr13
McASP1 Transmit/Receive Data
IO
E17
mcasp1_axr14
McASP1 Transmit/Receive Data
IO
E16
mcasp1_axr15
McASP1 Transmit/Receive Data
IO
F16
mcasp1_fsx
McASP1 Transmit Frame Sync
IO
C17
mcasp1_aclkr(1)
McASP1 Receive Bit Clock
IO
D16
mcasp1_fsr
McASP1 Receive Frame Sync
IO
D17
mcasp1_ahclkx
McASP1 Transmit High-Frequency Master Clock
O
J25
mcasp1_aclkx(1)
McASP1 Transmit Bit Clock
IO
C16
Multichannel Audio Serial Port 2
mcasp2_axr0
McASP2 Transmit/Receive Data
IO
A20
mcasp2_axr1
McASP2 Transmit/Receive Data
IO
B19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com