Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 84 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 84 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 80Page - Texas Instruments TDA2EX Datasheet HTML 81Page - Texas Instruments TDA2EX Datasheet HTML 82Page - Texas Instruments TDA2EX Datasheet HTML 83Page - Texas Instruments TDA2EX Datasheet HTML 84Page - Texas Instruments TDA2EX Datasheet HTML 85Page - Texas Instruments TDA2EX Datasheet HTML 86Page - Texas Instruments TDA2EX Datasheet HTML 87Page - Texas Instruments TDA2EX Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 391 page
background image
84
TDA2EG-17
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
4.3.21.4 Interrupt Controllers (INTC)
NOTE
For more information, see the Interrupt Controllers section of the device TRM.
Table 4-25. INTC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
nmin_dsp
Non maskable interrupt input, active-low. This pin can be optionally routed to the
DSP NMI input or as generic input to the ARM cores. Note that by default this pin
has an internal pulldown resistor enabled. This internal pulldown should be disabled
or countered by a stronger external pullup resistor before routing to the DSP or
ARM processors.
I
L24
sys_nirq2
External interrupt event to any device INTC
I
AC10
sys_nirq1
External interrupt event to any device INTC
I
AB10
4.3.22 Power Supplies
NOTE
For more information, see Power, Reset, and Clock Management / PRCM Subsystem
Environment / External Voltage Inputs section of the device TRM.
Table 4-26. Power Supply Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vdd
Core voltage domain supply
PWR
J15, J16, J18, K12,
K18, L12, L17, M11,
M13, M15, M17, N11,
N13, N15, N18, P10,
P12, P14, P16, P18,
R10, R12, R14, R16,
R17, T11, T13, T15,
T17, T9, U11, U13,
U15, U18, U9, V10,
V12, V14, V16, V18,
W10, W12, W14, W16
vss
Ground
GND
A1, A25, AA13, AA15,
AA7, AA8, AA9, AB8,
AC13, AE1, AE15,
AE25, G13, G16, G8,
H10, H12, H14, H16,
H18, H19, H8, J10,
J12, J14, J17, K11,
K13, K15, K17, K9,
L11, L13, L15, L18,
L8, M12, M14, M16,
M18, M20, M8, M9,
N12, N14, N16, N17,
N20, P11, P13, P15,
P17, P19, P9, R11,
R13, R15, R18, R19,
R8, R9, T10, T12,
T14, T16, T18, T8,
U10, U12, U14, U16,
U17, U19, V11, V13,
V15, V17, V19, V8,
V9, W19, W9, Y14,
Y16, Y17, Y7
cap_vbbldo_gpu (1)
MM (SGX) Back bias supply
CAP
T7
cap_vbbldo_iva (1)
IVA Back bias supply
CAP
G14
cap_vbbldo_mpu (1)
MPU back bias supply
CAP
F17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com