Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 95 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 95 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 91Page - Texas Instruments TDA2EX Datasheet HTML 92Page - Texas Instruments TDA2EX Datasheet HTML 93Page - Texas Instruments TDA2EX Datasheet HTML 94Page - Texas Instruments TDA2EX Datasheet HTML 95Page - Texas Instruments TDA2EX Datasheet HTML 96Page - Texas Instruments TDA2EX Datasheet HTML 97Page - Texas Instruments TDA2EX Datasheet HTML 98Page - Texas Instruments TDA2EX Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 391 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
95
TDA2EG-17
www.ti.com
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
Table 4-27. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4*
5
6*
7
8
9
10
14*
15
0x1668
CTRL_CORE_PAD_R
GMII0_RXC
N2
rgmii0_rxc
rmii1_txen
mii0_txclk
vin2a_d5
vin1b_d5
usb3_ulpi_d2
gpio5_26
Driver off
0x166C
CTRL_CORE_PAD_R
GMII0_RXCTL
P2
rgmii0_rxctl
rmii1_txd1
mii0_txd3
vin2a_d6
vin1b_d6
usb3_ulpi_d3
gpio5_27
Driver off
0x1670
CTRL_CORE_PAD_R
GMII0_RXD3
N1
rgmii0_rxd3
rmii1_txd0
mii0_txd2
vin2a_d7
vin1b_d7
usb3_ulpi_d4
gpio5_28
Driver off
0x1674
CTRL_CORE_PAD_R
GMII0_RXD2
P1
rgmii0_rxd2
rmii0_txen
mii0_txen
vin2a_d8
usb3_ulpi_d5
gpio5_29
Driver off
0x1678
CTRL_CORE_PAD_R
GMII0_RXD1
N3
rgmii0_rxd1
rmii0_txd1
mii0_txd1
vin2a_d9
usb3_ulpi_d6
gpio5_30
Driver off
0x167C
CTRL_CORE_PAD_R
GMII0_RXD0
N4
rgmii0_rxd0
rmii0_txd0
mii0_txd0
vin2a_fld0
vin1b_fld1
usb3_ulpi_d7
gpio5_31
Driver off
0x1680
CTRL_CORE_PAD_U
SB1_DRVVBUS
AD3
usb1_drvvbus
timer16
gpio6_12
Driver off
0x1684
CTRL_CORE_PAD_U
SB2_DRVVBUS
AA6
usb2_drvvbus
timer15
gpio6_13
Driver off
0x1688
CTRL_CORE_PAD_
GPIO6_14
H21
gpio6_14
mcasp1_axr8 dcan2_tx
uart10_rxd
i2c3_sda
timer1
gpio6_14
Driver off
0x168C
CTRL_CORE_PAD_
GPIO6_15
K22
gpio6_15
mcasp1_axr9 dcan2_rx
uart10_txd
i2c3_scl
timer2
gpio6_15
Driver off
0x1690
CTRL_CORE_PAD_
GPIO6_16
K23
gpio6_16
mcasp1_axr1
0
clkout1
timer3
gpio6_16
Driver off
0x1694
CTRL_CORE_PAD_X
REF_CLK0
J25
xref_clk0
mcasp2_axr8 mcasp1_axr4 mcasp1_ahclk
x
mcasp5_ahclk
x
vin1a_d0
clkout2
timer13
gpio6_17
Driver off
0x1698
CTRL_CORE_PAD_X
REF_CLK1
J24
xref_clk1
mcasp2_axr9 mcasp1_axr5 mcasp2_ahclk
x
mcasp6_ahclk
x
vin1a_clk0
timer14
gpio6_18
Driver off
0x169C
CTRL_CORE_PAD_X
REF_CLK2
H24
xref_clk2
mcasp2_axr1
0
mcasp1_axr6 mcasp3_ahclk
x
mcasp7_ahclk
x
timer15
gpio6_19
Driver off
0x16A0
CTRL_CORE_PAD_X
REF_CLK3
H25
xref_clk3
mcasp2_axr1
1
mcasp1_axr7 mcasp4_ahclk
x
mcasp8_ahclk
x
clkout3
timer16
gpio6_20
Driver off
0x16A4
CTRL_CORE_PAD_
MCASP1_ACLKX
C16
mcasp1_aclkx
vin1a_fld0
i2c3_sda
gpio7_31
Driver off
0x16A8
CTRL_CORE_PAD_
MCASP1_FSX
C17
mcasp1_fsx
vin1a_de0
i2c3_scl
gpio7_30
Driver off
0x16AC
CTRL_CORE_PAD_
MCASP1_ACLKR
D16
mcasp1_aclkr mcasp7_axr2
i2c4_sda
gpio5_0
Driver off
0x16B0
CTRL_CORE_PAD_
MCASP1_FSR
D17
mcasp1_fsr
mcasp7_axr3
i2c4_scl
gpio5_1
Driver off
0x16B4
CTRL_CORE_PAD_
MCASP1_AXR0
D14
mcasp1_axr0
uart6_rxd
vin1a_vsync0
i2c5_sda
gpio5_2
Driver off
0x16B8
CTRL_CORE_PAD_
MCASP1_AXR1
B14
mcasp1_axr1
uart6_txd
vin1a_hsync0
i2c5_scl
gpio5_3
Driver off
0x16BC
CTRL_CORE_PAD_
MCASP1_AXR2
C14
mcasp1_axr2 mcasp6_axr2
uart6_ctsn
gpio5_4
Driver off
0x16C0
CTRL_CORE_PAD_
MCASP1_AXR3
B15
mcasp1_axr3 mcasp6_axr3
uart6_rtsn
gpio5_5
Driver off
0x16C4
CTRL_CORE_PAD_
MCASP1_AXR4
A15
mcasp1_axr4 mcasp4_axr2
gpio5_6
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com