Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 85 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 85 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 81Page - Texas Instruments TDA2EX Datasheet HTML 82Page - Texas Instruments TDA2EX Datasheet HTML 83Page - Texas Instruments TDA2EX Datasheet HTML 84Page - Texas Instruments TDA2EX Datasheet HTML 85Page - Texas Instruments TDA2EX Datasheet HTML 86Page - Texas Instruments TDA2EX Datasheet HTML 87Page - Texas Instruments TDA2EX Datasheet HTML 88Page - Texas Instruments TDA2EX Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 391 page
background image
85
TDA2EG-17
www.ti.com
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-26. Power Supply Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
cap_vbbldo_dsp (1)
External capacitor connection for the DSP vbb ldo output
CAP
F8
cap_vddram_core1(1)
SRAM array supply for core memories
CAP
U20
cap_vddram_core3 (1)
SRAM array supply for core memories
CAP
K7
cap_vddram_core4 (1)
SRAM array supply for core memories
CAP
G19
cap_vddram_gpu (1)
SRAM array supply for SGX (MM) memories
CAP
V7
cap_vddram_iva (1)
SRAM array supply for IVA memories
CAP
G12
cap_vddram_dsp (1)
External capacitor connection for the DSP
CAP
L7
cap_vddram_mpu (1)
External capacitor connection for the MPU SRAM array ldo output
CAP
G18
vdda33v_usb1
HS USB1 3p3 supply
PWR
AA10
vdda33v_usb2
HS USB1 3p3 supply
PWR
Y10
vdda_core_gmac
DPLL_CORE and CORE HSDIVIDER analog power supply
PWR
L9
vdda_csi
CSI Interface 1.8v Supply
PWR
T6
vdda_dsp_iva
DSP PLL and IVA PLL analog power supply
PWR
K10, L10
vdda_mpu_abe
MPU_ABE PLL analog power supply
PWR
K16, L16
vdda_per
DPLL_ABE, DPLL_PER, and PER HSDIVIDER analog power supply
PWR
M10
vdda_usb2
HS USB2 1.8V analog power supply
PWR
Y8
vdds_mlbp
MLBP IO power supply
PWR
P7, R7
vdd_dsp
DSP voltage domain supply
PWR
H11, H13, H9, J11,
J13, J9
vdda_ddr
DDR PLL and DDR HSDIVIDER analog power supply
PWR
R20
vdda_debug
Debug PLL inside IOSC PLL supply
PWR
N10
vdda_gpu
GPU (SGX) PLL analog power supply
PWR
N9
vdda_hdmi
HDMI PLL and HDMI analog power supply
PWR
W15, Y15
vdda_osc
HFOSC - 1.8v vdds supply
PWR
W13, Y13
vdda_pcie
PCIe PLL analog power supply
PWR
W11, Y11
vdda_usb1
USB2 PLL analog power supply
PWR
W8
vdda_usb3
USB3 PLL analog power supply
PWR
Y9
vdda_video
VIDEO1 and VIDEO2 PLL analog power supply
PWR
K14, L14
vdds18v
1.8V bump added for atestv esd supply
PWR
G11, H20, W7, Y18
vdds18v_ddr1
DDR2 - 1.8v bias supply
PWR
AA19, P20, Y19
vddshv1
VIN2 domain - 1.8/3.3 mode voltage Power cell - secondary power
supply
PWR
G10, G9
vddshv3
GENERAL Domain - 1.8/3.3 mode voltage Power cell - secondary
power supply
PWR
G15, G17, H15, H17,
J19, K19
vddshv4
MMC4 Domain (UART4) - 1.8/3.3 mode voltage Power cell - secondary
power supply
PWR
M19, N19
vddshv7
WIFI Power Group (MMC3/McASP5) - 1.8/3.3 mode voltage Power cell
- secondary power supply
PWR
U7, U8
vddshv8
Dual Voltage (1.8V or 3.3V) power supply for the MMC1 Power Group
pins
PWR
N8, P8
vddshv9
RGMII - 1.8/3.3 mode voltage Power cell - secondary power supply
PWR
M7, N7
vddshv10
GPMC - 1.8/3.3 mode voltage Power cell - secondary power supply
PWR
J7, J8, K8
vddshv11
MMC2 - 1.8/3.3 mode voltage Power cell - secondary power supply
PWR
F7, G7, H7
vdds_ddr1
DDR2 - vdds2 can be 1.8 (ddr2)/1.5(ddr3) - secondary power supply
PWR
T19, T20, V20, W17,
W18, W20
vssa_osc0
OSC0 Analog ground
GND
AA12
vssa_osc1
OSC1 Analog ground
GND
AB11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com