Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 14 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 14 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 10Page - Texas Instruments TDA2EX Datasheet HTML 11Page - Texas Instruments TDA2EX Datasheet HTML 12Page - Texas Instruments TDA2EX Datasheet HTML 13Page - Texas Instruments TDA2EX Datasheet HTML 14Page - Texas Instruments TDA2EX Datasheet HTML 15Page - Texas Instruments TDA2EX Datasheet HTML 16Page - Texas Instruments TDA2EX Datasheet HTML 17Page - Texas Instruments TDA2EX Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 391 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
14
TDA2EG-17
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
www.ti.com
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
T25
ddr1_d25
ddr1_d25
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
T24
ddr1_d26
ddr1_d26
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
P21
ddr1_d27
ddr1_d27
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
N21
ddr1_d28
ddr1_d28
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
P22
ddr1_d29
ddr1_d29
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
P23
ddr1_d30
ddr1_d30
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
P24
ddr1_d31
ddr1_d31
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
AE23
ddr1_dqm0
ddr1_dqm0
0
O
PU
drive 1 (OFF)
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
W22
ddr1_dqm1
ddr1_dqm1
0
O
PU
drive 1 (OFF)
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
U21
ddr1_dqm2
ddr1_dqm2
0
O
PU
drive 1 (OFF)
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
P25
ddr1_dqm3
ddr1_dqm3
0
O
PU
drive 1 (OFF)
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
AD22
ddr1_dqs0
ddr1_dqs0
0
IO
PD
PD
1.2/1.5
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
Y24
ddr1_dqs1
ddr1_dqs1
0
IO
PD
PD
1.2/1.5
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
V24
ddr1_dqs2
ddr1_dqs2
0
IO
PD
PD
1.2/1.5
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
R24
ddr1_dqs3
ddr1_dqs3
0
IO
PD
PD
1.2/1.5
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
AE22
ddr1_dqsn0
ddr1_dqsn0
0
IO
PU
PU
1.2/1.5
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
Y25
ddr1_dqsn1
ddr1_dqsn1
0
IO
PU
PU
1.2/1.5
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
V25
ddr1_dqsn2
ddr1_dqsn2
0
IO
PU
PU
1.2/1.5
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
R25
ddr1_dqsn3
ddr1_dqsn3
0
IO
PU
PU
1.2/1.5
vdds_ddr1
NA
LVCMOS
DDR
PUx/PDy
AE21
ddr1_nck
ddr1_nck
0
O
PU
drive 1 (OFF)
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
AD18
ddr1_odt0
ddr1_odt0
0
O
PD
drive 0 (OFF)
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
AD17
ddr1_rasn
ddr1_rasn
0
O
PU
drive 1 (OFF)
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
AE17
ddr1_rst
ddr1_rst
0
O
PD
drive 0 (OFF)
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com