Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 74 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 74 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 70Page - Texas Instruments TDA2EX Datasheet HTML 71Page - Texas Instruments TDA2EX Datasheet HTML 72Page - Texas Instruments TDA2EX Datasheet HTML 73Page - Texas Instruments TDA2EX Datasheet HTML 74Page - Texas Instruments TDA2EX Datasheet HTML 75Page - Texas Instruments TDA2EX Datasheet HTML 76Page - Texas Instruments TDA2EX Datasheet HTML 77Page - Texas Instruments TDA2EX Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 391 page
background image
74
TDA2EG-17
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-17. GMAC Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
mii1_crs
MII1 Carrier Sense input
I
C13
mii1_rxclk
MII1 Receive Clock
I
B11
mii1_rxd0
MII1 Receive Data
I
E10
mii1_rxd1
MII1 Receive Data
I
F10
mii1_rxd2
MII1 Receive Data
I
A10
mii1_rxd3
MII1 Receive Data
I
B10
mii1_rxdv
MII1 Receive Data Valid input
I
D11
mii1_rxer
MII1 Receive Data Error input
I
B13
mii1_txclk
MII1 Transmit Clock
I
C11
mii1_txd0
MII1 Transmit Data
O
B12
mii1_txd1
MII1 Transmit Data
O
A12
mii1_txd2
MII1 Transmit Data
O
A13
mii1_txd3
MII1 Transmit Data
O
E11
mii1_txen
MII1 Transmit Data Enable Output
O
D13
mii1_txer
MII1 Transmit Error
O
F11
mii0_col
MII0 Collision Detect (Sense) input
I
L5
mii0_crs
MII0 Carrier Sense input
I
P4
mii0_rxclk
MII0 Receive Clock
I
N6
mii0_rxd0
MII0 Receive Data
I
R1
mii0_rxd1
MII0 Receive Data
I
R2
mii0_rxd2
MII0 Receive Data
I
T5
mii0_rxd3
MII0 Receive Data
I
T4
mii0_rxdv
MII0 Receive Data Valid input
I
N5
mii0_rxer
MII0 Receive Data Error input
I
P3
mii0_txclk
MII0 Transmit Clock
I
N2
mii0_txd0
MII0 Transmit Data
O
N4
mii0_txd1
MII0 Transmit Data
O
N3
mii0_txd2
MII0 Transmit Data
O
N1
mii0_txd3
MII0 Transmit Data
O
P2
mii0_txen
MII0 Transmit Data Enable Output
O
P1
mii0_txer
MII0 Transmit Error
O
L6
rmii1_crs
RMII1 Carrier Sense input
I
N5
rmii1_rxd0
RMII1 Receive Data
I
T5
rmii1_rxd1
RMII1 Receive Data
I
T4
rmii1_rxer
RMII1 Receive Data Error input
I
N6
rmii1_txd0
RMII1 Transmit Data
O
N1
rmii1_txd1
RMII1 Transmit Data
O
P2
rmii1_txen
RMII1 Transmit Data Enable output
O
N2
rmii0_crs
RMII0 Carrier Sense input
I
P4
rmii0_rxd0
RMII0 Receive Data
I
R1
rmii0_rxd1
RMII0 Receive Data
I
R2
rmii0_rxer
RMII0 Receive Data Error input
I
P3
rmii0_txd0
RMII0 Transmit Data
O
N4
rmii0_txd1
RMII0 Transmit Data
O
N3
rmii0_txen
RMII0 Transmit Data Enable output
O
P1
mdio_mclk
Management Data Serial Clock
O
D10, E24, L5, Y5
mdio_d
Management Data
IO
C10, E25, L6, Y6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com