Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 92 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 92 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 88Page - Texas Instruments TDA2EX Datasheet HTML 89Page - Texas Instruments TDA2EX Datasheet HTML 90Page - Texas Instruments TDA2EX Datasheet HTML 91Page - Texas Instruments TDA2EX Datasheet HTML 92Page - Texas Instruments TDA2EX Datasheet HTML 93Page - Texas Instruments TDA2EX Datasheet HTML 94Page - Texas Instruments TDA2EX Datasheet HTML 95Page - Texas Instruments TDA2EX Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 391 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
92
TDA2EG-17
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
www.ti.com
Table 4-27. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4*
5
6*
7
8
9
10
14*
15
0x1474
CTRL_CORE_PAD_
GPMC_A13
H3
gpmc_a13
qspi1_rtclk
timer7
spi4_cs2
dma_evt2
gpio2_3
Driver off
0x1478
CTRL_CORE_PAD_
GPMC_A14
H4
gpmc_a14
qspi1_d3
timer6
spi4_cs3
gpio2_4
Driver off
0x147C
CTRL_CORE_PAD_
GPMC_A15
K6
gpmc_a15
qspi1_d2
timer5
gpio2_5
Driver off
0x1480
CTRL_CORE_PAD_
GPMC_A16
K5
gpmc_a16
qspi1_d0
gpio2_6
Driver off
0x1484
CTRL_CORE_PAD_
GPMC_A17
G2
gpmc_a17
qspi1_d1
gpio2_7
Driver off
0x1488
CTRL_CORE_PAD_
GPMC_A18
F2
gpmc_a18
qspi1_sclk
gpio2_8
Driver off
0x148C
CTRL_CORE_PAD_
GPMC_A19
A4
gpmc_a19
mmc2_dat4
gpmc_a13
vin2b_d0
gpio2_9
Driver off
0x1490
CTRL_CORE_PAD_
GPMC_A20
E7
gpmc_a20
mmc2_dat5
gpmc_a14
vin2b_d1
gpio2_10
Driver off
0x1494
CTRL_CORE_PAD_
GPMC_A21
D6
gpmc_a21
mmc2_dat6
gpmc_a15
vin2b_d2
gpio2_11
Driver off
0x1498
CTRL_CORE_PAD_
GPMC_A22
C5
gpmc_a22
mmc2_dat7
gpmc_a16
vin2b_d3
gpio2_12
Driver off
0x149C
CTRL_CORE_PAD_
GPMC_A23
B5
gpmc_a23
mmc2_clk
gpmc_a17
vin2b_d4
gpio2_13
Driver off
0x14A0
CTRL_CORE_PAD_
GPMC_A24
D7
gpmc_a24
mmc2_dat0
gpmc_a18
vin2b_d5
gpio2_14
Driver off
0x14A4
CTRL_CORE_PAD_
GPMC_A25
C6
gpmc_a25
mmc2_dat1
gpmc_a19
vin2b_d6
gpio2_15
Driver off
0x14A8
CTRL_CORE_PAD_
GPMC_A26
A5
gpmc_a26
mmc2_dat2
gpmc_a20
vin2b_d7
gpio2_16
Driver off
0x14AC
CTRL_CORE_PAD_
GPMC_A27
B6
gpmc_a27
mmc2_dat3
gpmc_a21
vin2b_hsync1
gpio2_17
Driver off
0x14B0
CTRL_CORE_PAD_
GPMC_CS1
A6
gpmc_cs1
mmc2_cmd
gpmc_a22
vin2b_vsync1
gpio2_18
Driver off
0x14B4
CTRL_CORE_PAD_
GPMC_CS0
F3
gpmc_cs0
gpio2_19
Driver off
0x14B8
CTRL_CORE_PAD_
GPMC_CS2
G4
gpmc_cs2
qspi1_cs0
gpio2_20
gpmc_a23
gpmc_a13
Driver off
0x14BC
CTRL_CORE_PAD_
GPMC_CS3
G3
gpmc_cs3
qspi1_cs1
vin1a_clk0
vout3_clk
gpmc_a1
gpio2_21
gpmc_a24
gpmc_a14
Driver off
0x14C0
CTRL_CORE_PAD_
GPMC_CLK
L4
gpmc_clk
gpmc_cs7
clkout1
gpmc_wait1
vin2b_clk1
timer4
i2c3_scl
dma_evt1
gpio2_22
gpmc_a20
Driver off
0x14C4
CTRL_CORE_PAD_
GPMC_ADVN_ALE
H5
gpmc_advn_al
e
gpmc_cs6
clkout2
gpmc_wait1
gpmc_a2
gpmc_a23
timer3
i2c3_sda
dma_evt2
gpio2_23
gpmc_a19
Driver off
0x14C8
CTRL_CORE_PAD_
GPMC_OEN_REN
G5
gpmc_oen_re
n
gpio2_24
Driver off
0x14CC
CTRL_CORE_PAD_
GPMC_WEN
G6
gpmc_wen
gpio2_25
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com