Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 80 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 80 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 76Page - Texas Instruments TDA2EX Datasheet HTML 77Page - Texas Instruments TDA2EX Datasheet HTML 78Page - Texas Instruments TDA2EX Datasheet HTML 79Page - Texas Instruments TDA2EX Datasheet HTML 80Page - Texas Instruments TDA2EX Datasheet HTML 81Page - Texas Instruments TDA2EX Datasheet HTML 82Page - Texas Instruments TDA2EX Datasheet HTML 83Page - Texas Instruments TDA2EX Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 391 page
background image
80
TDA2EG-17
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-19. GPIOs Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpio7_16
General-Purpose Input/Output
IO
G24
gpio7_17
General-Purpose Input/Output
IO
F24
gpio7_18
General-Purpose Input/Output
IO
C2
gpio7_19
General-Purpose Input/Output
IO
D3
gpio7_22
General-Purpose Input/Output
IO
L25
gpio7_23
General-Purpose Input/Output
IO
M25
gpio7_24
General-Purpose Input/Output
IO
L20
gpio7_25
General-Purpose Input/Output
IO
M24
gpio7_26
General-Purpose Input/Output
IO
N23
gpio7_27
General-Purpose Input/Output
IO
N25
gpio7_28
General-Purpose Input/Output
IO
A2
gpio7_29
General-Purpose Input/Output
IO
B3
gpio7_30
General-Purpose Input/Output
IO
C17
gpio7_31
General-Purpose Input/Output
IO
C16
GPIO 8
gpio8_27
General-Purpose Input
I
L23
gpio8_28
General-Purpose Input/Output
IO
J20
gpio8_29
General-Purpose Input/Output
IO
K25
gpio8_30
General-Purpose Input/Output
IO
C21
gpio8_31
General-Purpose Input/Output
IO
C22
4.3.19 PWM
NOTE
For more information, see the Pulse-Width Modulation (PWM) SS section of the device TRM.
Table 4-20. PWM Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
PWMSS1
eCAP1_in_PWM1_out ECAP1 Capture Input / PWM Output
IO
A7
ehrpwm1_synci
EHRPWM1 Sync Input
I
A9
ehrpwm1_synco
EHRPWM1 Sync Output
O
A8
ehrpwm1_tripzone_in
put
EHRPWM1 Trip Zone Input
IO
B9
ehrpwm1A
EHRPWM1 Output A
O
B8
ehrpwm1B
EHRPWM1 Output B
O
C8
eQEP1_index
EQEP1 Index Input
IO
C7
eQEP1_strobe
EQEP1 Strobe Input
IO
E8
eQEP1A_in
EQEP1 Quadrature Input A
I
D8
eQEP1B_in
EQEP1 Quadrature Input B
I
B7
PWMSS2
eCAP2_in_PWM2_out ECAP2 Capture Input / PWM Output
IO
B11, Y1
ehrpwm2_tripzone_in
put
EHRPWM2 Trip Zone Input
IO
C10, Y2
ehrpwm2A
EHRPWM2 Output A
O
E10, Y5
ehrpwm2B
EHRPWM2 Output B
O
D10, Y6
eQEP2_index
EQEP2 Index Input
IO
A10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com