Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 65 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 65 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 61Page - Texas Instruments TDA2EX Datasheet HTML 62Page - Texas Instruments TDA2EX Datasheet HTML 63Page - Texas Instruments TDA2EX Datasheet HTML 64Page - Texas Instruments TDA2EX Datasheet HTML 65Page - Texas Instruments TDA2EX Datasheet HTML 66Page - Texas Instruments TDA2EX Datasheet HTML 67Page - Texas Instruments TDA2EX Datasheet HTML 68Page - Texas Instruments TDA2EX Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 391 page
background image
65
TDA2EG-17
www.ti.com
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-7. GPMC Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpmc_cs7
GPMC Chip Select 7 (active low)
O
L4
gpmc_clk(1)(2)
GPMC Clock output
IO
L4
gpmc_advn_ale
GPMC address valid active low or address latch enable
O
H5
gpmc_oen_ren
GPMC output enable active low or read enable
O
G5
gpmc_wen
GPMC write enable active low
O
G6
gpmc_ben0
GPMC lower-byte enable active low
O
H2
gpmc_ben1
GPMC upper-byte enable active low
O
H6
gpmc_wait0
GPMC external indication of wait 0
I
F6
gpmc_wait1
GPMC external indication of wait 1
I
H5, L4
(1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve
as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the
clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS.
(2) The gpio6_16.clkout1 signal can be used as an “always-on” alternative to gpmc_clk provided that the external device can support the
associated timing. See Table 5-43 GPMC/NOR Flash Interface Switching Characteristics - Synchronous Mode - Default and Table 5-45
GPMC/NOR Flash Interface Switching Characteristics - Synchronous Mode - Alternate for timing information.
4.3.7
Timers
NOTE
For more information, see the Timers section of the device TRM.
Table 4-8. Timers Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
timer1
PWM output/event trigger input
IO
H21, H6
timer2
PWM output/event trigger input
IO
H2, K22
timer3
PWM output/event trigger input
IO
H5, K23
timer4
PWM output/event trigger input
IO
A16, L4
timer5
PWM output/event trigger input
IO
A18, K6
timer6
PWM output/event trigger input
IO
B17, H4
timer7
PWM output/event trigger input
IO
B16, H3
timer8
PWM output/event trigger input
IO
B18, G1
timer9
PWM output/event trigger input
IO
A19, L3
timer10
PWM output/event trigger input
IO
E17, J2
timer11
PWM output/event trigger input
IO
E16, H1
timer12
PWM output/event trigger input
IO
F16, K4
timer13
PWM output/event trigger input
IO
J25
timer14
PWM output/event trigger input
IO
J24
timer15
PWM output/event trigger input
IO
AA6, H24
timer16
PWM output/event trigger input
IO
AD3, H25
4.3.8
I
2C
NOTE
For more information, see the Serial Communication Interface / Multimaster High-Speed I2C
Controller / HS I2C Environment / HS I2C in I2C Mode section of the device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com