Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 81 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 81 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 77Page - Texas Instruments TDA2EX Datasheet HTML 78Page - Texas Instruments TDA2EX Datasheet HTML 79Page - Texas Instruments TDA2EX Datasheet HTML 80Page - Texas Instruments TDA2EX Datasheet HTML 81Page - Texas Instruments TDA2EX Datasheet HTML 82Page - Texas Instruments TDA2EX Datasheet HTML 83Page - Texas Instruments TDA2EX Datasheet HTML 84Page - Texas Instruments TDA2EX Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 391 page
background image
81
TDA2EG-17
www.ti.com
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-20. PWM Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
eQEP2_strobe
EQEP2 Strobe Input
IO
B10
eQEP2A_in
EQEP2 Quadrature Input A
I
A11
eQEP2B_in
EQEP2 Quadrature Input B
I
F10
PWMSS3
eCAP3_in_PWM3_out ECAP3 Capture Input / PWM Output
IO
AB1, B13
ehrpwm3_tripzone_in
put
EHRPWM3 Trip Zone Input
IO
AA4, F11
ehrpwm3A
EHRPWM3 Output A
O
A13, Y3
ehrpwm3B
EHRPWM3 Output B
O
AA1, E11
eQEP3_index
EQEP3 Index Input
IO
AA3, B12
eQEP3_strobe
EQEP3 Strobe Input
IO
A12, W2
eQEP3A_in
EQEP3 Quadrature Input A
I
D11, Y4
eQEP3B_in
EQEP3 Quadrature Input B
I
AA2, C11
4.3.20 Emulation and Debug Subsystem
NOTE
For more information, see the On-Chip Debug Support / Debug Ports section of the device
TRM.
Table 4-21. Debug Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
tms
JTAG test port mode select. An external pullup resistor should be used on this
ball.
IO
L21
tdi
JTAG test data
I
L23
tdo
JTAG test port data
O
J20
tclk
JTAG test clock
I
K21
trstn
JTAG test reset
I
L22
rtck
JTAG return clock
O
K25
emu0
Emulator pin 0
IO
C21
emu1
Emulator pin 1
IO
C22
emu2
Emulator pin 2
IO
E14
emu3
Emulator pin 3
IO
F14
emu4
Emulator pin 4
IO
F13
emu5
Emulator pin 5
O
D8
emu6
Emulator pin 6
O
B7
emu7
Emulator pin 7
O
C7
emu8
Emulator pin 8
O
E8
emu9
Emulator pin 9
O
B8
emu10
Emulator pin 10
O
C8
emu11
Emulator pin 11
O
B9
emu12
Emulator pin 12
O
A7
emu13
Emulator pin 13
O
A9
emu14
Emulator pin 14
O
A8
emu15
Emulator pin 15
O
A11
emu16
Emulator pin 16
O
F10
emu17
Emulator pin 17
O
A10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com