Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 76 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 76 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 72Page - Texas Instruments TDA2EX Datasheet HTML 73Page - Texas Instruments TDA2EX Datasheet HTML 74Page - Texas Instruments TDA2EX Datasheet HTML 75Page - Texas Instruments TDA2EX Datasheet HTML 76Page - Texas Instruments TDA2EX Datasheet HTML 77Page - Texas Instruments TDA2EX Datasheet HTML 78Page - Texas Instruments TDA2EX Datasheet HTML 79Page - Texas Instruments TDA2EX Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 391 page
background image
76
TDA2EG-17
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-18. eMMC/SD/SDIO Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
mmc4_dat2
MMC4 data bit 2
IO
N22
mmc4_dat3
MMC4 data bit 3
IO
N24
(1) By default, this clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer
to serve as the internal reference signal. mmc1_clk and mmc2_clk have an optional software programmable setting to use an 'internal
loopback clock' instead of the default 'pad loopback clock'. If the 'pad loopback clock' is used, series termination is recommended (as
close to device pin as possible) to improve signal integrity of the clock input. Any nonmonotonicity in voltage that occurs at the pad
loopback clock pin between VIH and VIL must be less than VHYS.
4.3.18 GPIO
NOTE
For more information, see the General-Purpose Interface section of the device TRM.
Table 4-19. GPIOs Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
GPIO 1
gpio1_0
General-Purpose Input
I
AC10
gpio1_3
General-Purpose Input
I
AB10
gpio1_4
General-Purpose Input/Output
IO
B20
gpio1_5
General-Purpose Input/Output
IO
C20
gpio1_6
General-Purpose Input/Output
IO
F1
gpio1_7
General-Purpose Input/Output
IO
E2
gpio1_8
General-Purpose Input/Output
IO
E1
gpio1_9
General-Purpose Input/Output
IO
C1
gpio1_10
General-Purpose Input/Output
IO
D1
gpio1_11
General-Purpose Input/Output
IO
D2
gpio1_12
General-Purpose Input/Output
IO
B1
gpio1_13
General-Purpose Input/Output
IO
B2
gpio1_14
General-Purpose Input/Output
IO
H22
gpio1_15
General-Purpose Input/Output
IO
H23
gpio1_16
General-Purpose Input/Output
IO
N22
gpio1_17
General-Purpose Input/Output
IO
N24
gpio1_18
General-Purpose Input/Output
IO
C3
gpio1_19
General-Purpose Input/Output
IO
C4
gpio1_20
General-Purpose Input/Output
IO
A3
gpio1_21
General-Purpose Input/Output
IO
B4
gpio1_22
General-Purpose Input/Output
IO
Y3
gpio1_23
General-Purpose Input/Output
IO
AA1
gpio1_24
General-Purpose Input/Output
IO
AA4
gpio1_25
General-Purpose Input/Output
IO
AB1
gpio1_26
General-Purpose Input/Output
IO
K3
gpio1_27
General-Purpose Input/Output
IO
K2
gpio1_28
General-Purpose Input/Output
IO
J1
gpio1_29
General-Purpose Input/Output
IO
K1
gpio1_30
General-Purpose Input/Output
IO
K4
gpio1_31
General-Purpose Input/Output
IO
H1
GPIO2
gpio2_0
General-Purpose Input/Output
IO
J2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com