Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 60 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 60 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 56Page - Texas Instruments TDA2EX Datasheet HTML 57Page - Texas Instruments TDA2EX Datasheet HTML 58Page - Texas Instruments TDA2EX Datasheet HTML 59Page - Texas Instruments TDA2EX Datasheet HTML 60Page - Texas Instruments TDA2EX Datasheet HTML 61Page - Texas Instruments TDA2EX Datasheet HTML 62Page - Texas Instruments TDA2EX Datasheet HTML 63Page - Texas Instruments TDA2EX Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 391 page
background image
60
TDA2EG-17
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-3. DSS Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vout3_d12
Video Output 3 Data output
O
C3
vout3_d13
Video Output 3 Data output
O
C4
vout3_d14
Video Output 3 Data output
O
A3
vout3_d15
Video Output 3 Data output
O
B4
vout3_d16
Video Output 3 Data output
O
M1
vout3_d17
Video Output 3 Data output
O
M2
vout3_d18
Video Output 3 Data output
O
L2
vout3_d19
Video Output 3 Data output
O
L1
vout3_d20
Video Output 3 Data output
O
K3
vout3_d21
Video Output 3 Data output
O
K2
vout3_d22
Video Output 3 Data output
O
J1
vout3_d23
Video Output 3 Data output
O
K1
vout3_de
Video Output 3 Data Enable output
O
J2
vout3_fld
Video Output 3 Field ID output. This signal is not used for embedded sync modes.
O
L3
vout3_hsync
Video Output 3 Horizontal Sync output. This signal is not used for embedded sync
modes.
O
K4
vout3_vsync
Video Output 3 Vertical Sync output. This signal is not used for embedded sync modes.
O
H1
4.3.3
HDMI
NOTE
For more information, see the Display Subsystem / Display Subsystem Overview of the
device TRM.
Table 4-4. HDMI Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
hdmi1_cec
HDMI consumer electronic control
IOD
E25, H23
hdmi1_hpd
HDMI display hot plug detect
IO
E24, H22
hdmi1_ddc_scl
HDMI display data channel clock
IOD
F23
hdmi1_ddc_sda
HDMI display data channel data
IOD
G21
hdmi1_clockx
HDMI clock differential positive or negative
ODS
AE9
hdmi1_clocky
HDMI clock differential positive or negative
ODS
AD10
hdmi1_data2x
HDMI data 2 differential positive or negative
ODS
AE14
hdmi1_data2y
HDMI data 2 differential positive or negative
ODS
AD15
hdmi1_data1x
HDMI data 1 differential positive or negative
ODS
AE12
hdmi1_data1y
HDMI data 1 differential positive or negative
ODS
AD13
hdmi1_data0x
HDMI data 0 differential positive or negative
ODS
AE11
hdmi1_data0y
HDMI data 0 differential positive or negative
ODS
AD12
4.3.4
CSI2
NOTE
For more information, see the CAL Subsystem / CAL Subsystem Overview of the device
TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com