Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 94 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 94 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 90Page - Texas Instruments TDA2EX Datasheet HTML 91Page - Texas Instruments TDA2EX Datasheet HTML 92Page - Texas Instruments TDA2EX Datasheet HTML 93Page - Texas Instruments TDA2EX Datasheet HTML 94Page - Texas Instruments TDA2EX Datasheet HTML 95Page - Texas Instruments TDA2EX Datasheet HTML 96Page - Texas Instruments TDA2EX Datasheet HTML 97Page - Texas Instruments TDA2EX Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 391 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
94
TDA2EG-17
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
www.ti.com
Table 4-27. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4*
5
6*
7
8
9
10
14*
15
0x15A0
CTRL_CORE_PAD_V
IN2A_D14
C11
vin2a_d14
rgmii1_txd3
vout2_d9
mii1_txclk
eQEP3B_in
gpio4_15
Driver off
0x15A4
CTRL_CORE_PAD_V
IN2A_D15
B12
vin2a_d15
rgmii1_txd2
vout2_d8
mii1_txd0
eQEP3_index gpio4_16
Driver off
0x15A8
CTRL_CORE_PAD_V
IN2A_D16
A12
vin2a_d16
vin2b_d7
rgmii1_txd1
vout2_d7
mii1_txd1
eQEP3_strob
e
gpio4_24
Driver off
0x15AC
CTRL_CORE_PAD_V
IN2A_D17
A13
vin2a_d17
vin2b_d6
rgmii1_txd0
vout2_d6
mii1_txd2
ehrpwm3A
gpio4_25
Driver off
0x15B0
CTRL_CORE_PAD_V
IN2A_D18
E11
vin2a_d18
vin2b_d5
rgmii1_rxc
vout2_d5
mii1_txd3
ehrpwm3B
gpio4_26
Driver off
0x15B4
CTRL_CORE_PAD_V
IN2A_D19
F11
vin2a_d19
vin2b_d4
rgmii1_rxctl
vout2_d4
mii1_txer
ehrpwm3_trip
zone_input
gpio4_27
Driver off
0x15B8
CTRL_CORE_PAD_V
IN2A_D20
B13
vin2a_d20
vin2b_d3
rgmii1_rxd3
vout2_d3
mii1_rxer
eCAP3_in_P
WM3_out
gpio4_28
Driver off
0x15BC
CTRL_CORE_PAD_V
IN2A_D21
E13
vin2a_d21
vin2b_d2
rgmii1_rxd2
vout2_d2
mii1_col
gpio4_29
Driver off
0x15C0
CTRL_CORE_PAD_V
IN2A_D22
C13
vin2a_d22
vin2b_d1
rgmii1_rxd1
vout2_d1
mii1_crs
gpio4_30
Driver off
0x15C4
CTRL_CORE_PAD_V
IN2A_D23
D13
vin2a_d23
vin2b_d0
rgmii1_rxd0
vout2_d0
mii1_txen
gpio4_31
Driver off
0x15E4
CTRL_CORE_PAD_V
OUT1_D2
E14
emu2
0x1604
CTRL_CORE_PAD_V
OUT1_D10
F14
emu3
0x1624
CTRL_CORE_PAD_V
OUT1_D18
F13
emu4
0x163C
CTRL_CORE_PAD_
MDIO_MCLK
L5
mdio_mclk
uart3_rtsn
mii0_col
vin2a_clk0
vin1b_clk1
gpio5_15
Driver off
0x1640
CTRL_CORE_PAD_
MDIO_D
L6
mdio_d
uart3_ctsn
mii0_txer
vin2a_d0
vin1b_d0
gpio5_16
Driver off
0x1644
CTRL_CORE_PAD_R
MII_MHZ_50_CLK
P5
RMII_MHZ_50
_CLK
vin2a_d11
gpio5_17
Driver off
0x1648
CTRL_CORE_PAD_U
ART3_RXD
N5
uart3_rxd
rmii1_crs
mii0_rxdv
vin2a_d1
vin1b_d1
spi3_sclk
gpio5_18
Driver off
0x164C
CTRL_CORE_PAD_U
ART3_TXD
N6
uart3_txd
rmii1_rxer
mii0_rxclk
vin2a_d2
vin1b_d2
spi3_d1
spi4_cs1
gpio5_19
Driver off
0x1650
CTRL_CORE_PAD_R
GMII0_TXC
T4
rgmii0_txc
uart3_ctsn
rmii1_rxd1
mii0_rxd3
vin2a_d3
vin1b_d3
usb3_ulpi_clk spi3_d0
spi4_cs2
gpio5_20
Driver off
0x1654
CTRL_CORE_PAD_R
GMII0_TXCTL
T5
rgmii0_txctl
uart3_rtsn
rmii1_rxd0
mii0_rxd2
vin2a_d4
vin1b_d4
usb3_ulpi_stp spi3_cs0
spi4_cs3
gpio5_21
Driver off
0x1658
CTRL_CORE_PAD_R
GMII0_TXD3
P4
rgmii0_txd3
rmii0_crs
mii0_crs
vin2a_de0
vin1b_de1
usb3_ulpi_dir
spi4_sclk
uart4_rxd
gpio5_22
Driver off
0x165C
CTRL_CORE_PAD_R
GMII0_TXD2
P3
rgmii0_txd2
rmii0_rxer
mii0_rxer
vin2a_hsync0 vin1b_hsync1 usb3_ulpi_nxt spi4_d1
uart4_txd
gpio5_23
Driver off
0x1660
CTRL_CORE_PAD_R
GMII0_TXD1
R2
rgmii0_txd1
rmii0_rxd1
mii0_rxd1
vin2a_vsync0 vin1b_vsync1 usb3_ulpi_d0
spi4_d0
uart4_ctsn
gpio5_24
Driver off
0x1664
CTRL_CORE_PAD_R
GMII0_TXD0
R1
rgmii0_txd0
rmii0_rxd0
mii0_rxd0
vin2a_d10
usb3_ulpi_d1
spi4_cs0
uart4_rtsn
gpio5_25
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com