Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 99 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 99 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 95Page - Texas Instruments TDA2EX Datasheet HTML 96Page - Texas Instruments TDA2EX Datasheet HTML 97Page - Texas Instruments TDA2EX Datasheet HTML 98Page - Texas Instruments TDA2EX Datasheet HTML 99Page - Texas Instruments TDA2EX Datasheet HTML 100Page - Texas Instruments TDA2EX Datasheet HTML 101Page - Texas Instruments TDA2EX Datasheet HTML 102Page - Texas Instruments TDA2EX Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 391 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
99
TDA2EG-17
www.ti.com
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
Table 4-27. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4*
5
6*
7
8
9
10
14*
15
0x17F8
CTRL_CORE_PAD_U
ART2_CTSN
N22
uart2_ctsn
uart3_rxd
mmc4_dat2
uart10_rxd
uart1_dtrn
gpio1_16
Driver off
0x17FC
CTRL_CORE_PAD_U
ART2_RTSN
N24
uart2_rtsn
uart3_txd
uart3_irtx
mmc4_dat3
uart10_txd
uart1_rin
gpio1_17
Driver off
0x1800
CTRL_CORE_PAD_I
2C1_SDA
G23
i2c1_sda
Driver off
0x1804
CTRL_CORE_PAD_I
2C1_SCL
G22
i2c1_scl
Driver off
0x1808
CTRL_CORE_PAD_I
2C2_SDA
F23
i2c2_sda
hdmi1_ddc_sc
l
Driver off
0x180C
CTRL_CORE_PAD_I
2C2_SCL
G21
i2c2_scl
hdmi1_ddc_sd
a
Driver off
0x1818
CTRL_CORE_PAD_
WAKEUP0
AC10
dcan1_rx
gpio1_0
sys_nirq2
Driver off
0x1824
CTRL_CORE_PAD_
WAKEUP3
AB10
sys_nirq1
gpio1_3
dcan2_rx
Driver off
0x1830
CTRL_CORE_PAD_T
MS
L21
tms
0x1834
CTRL_CORE_PAD_T
DI
L23
tdi
gpio8_27
0x1838
CTRL_CORE_PAD_T
DO
J20
tdo
gpio8_28
0x183C
CTRL_CORE_PAD_T
CLK
K21
tclk
0x1840
CTRL_CORE_PAD_T
RSTN
L22
trstn
0x1844
CTRL_CORE_PAD_R
TCK
K25
rtck
gpio8_29
0x1848
CTRL_CORE_PAD_E
MU0
C21
emu0
gpio8_30
0x184C
CTRL_CORE_PAD_E
MU1
C22
emu1
gpio8_31
0x185C
CTRL_CORE_PAD_R
ESETN
K24
resetn
0x1860
CTRL_CORE_PAD_N
MIN_DSP
L24
nmin_dsp
0x1864
CTRL_CORE_PAD_R
STOUTN
E20
rstoutn
1. NA in table stands for Not Applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com