Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 102 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 102 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 98Page - Texas Instruments TDA2EX Datasheet HTML 99Page - Texas Instruments TDA2EX Datasheet HTML 100Page - Texas Instruments TDA2EX Datasheet HTML 101Page - Texas Instruments TDA2EX Datasheet HTML 102Page - Texas Instruments TDA2EX Datasheet HTML 103Page - Texas Instruments TDA2EX Datasheet HTML 104Page - Texas Instruments TDA2EX Datasheet HTML 105Page - Texas Instruments TDA2EX Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 391 page
background image
102
TDA2EG-17
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER(1)
MIN
MAX
UNIT
VSUPPLY (Steady-State)
Supply Voltage Ranges (Steady-
State)
Core (vdd, vdd_dsp)
-0.3
1.5
V
Analog (vdda_usb1, vdda_usb2,
vdda_per, vdda_ddr, vdda_debug,
vdda_mpu_abe, vdda_usb3,
vdda_csi, vdda_core_gmac,
vdda_gpu, dda_hdmi, vdda_pcie,
vdda_video, vdda_osc)
-0.3
2.0
V
Analog 3.3V (vdda33v_usb1,
vdda33v_usb2)
-0.3
3.8
V
vdds18v, vdds18v_ddr1,
vdds_mlbp, vdds_ddr1
-0.3
2.1
V
vddshv1, vddshv3, vddshv4,
vddshv7-11 (1.8V mode)
-0.3
2.1
V
vddshv1, vddshv3, vddshv4,
vddshv7, vddshv9-11 (3.3V mode)
-0.3
3.8
V
vddshv8 (3.3V mode)
-0.3
3.6
V
VIO (Steady-State)
Input and Output Voltage Ranges
(Steady-State)
Core I/Os
-0.3
1.5
V
Analog I/Os (except HDMI)
-0.3
2.0
V
HDMI I/Os
-0.3
3.5
V
I/O 1.35V
-0.3
1.65
V
I/O 1.5V
-0.3
1.8
V
1.8V I/Os
-0.3
2.1
V
3.3V I/Os (except those powered by
vddshv8)
-0.3
3.8
V
3.3V I/Os (powered by vddshv8)
-0.3
3.6
V
SR
Maximum slew rate, all supplies
105
V/s
VIO (Transient Overshoot /
Undershoot)
Input and Output Voltage Ranges (Transient Overshoot/Undershoot)
Note: valid for up to 20% of the signal period
0.2 ×
VDD (4)
V
TJ
Operating junction temperature
range
Automotive
-40
+125
°C
TSTG
Storage temperature range after soldered onto PC Board
-55
+150
°C
Latch-up I-Test
I-test(5), All I/Os (if different levels then one line per level)
-100
100
mA
Latch-up OV-Test
Over-voltage Test(6), All supplies (if different levels then one line per level)
N/A
1.5 ×
Vsupply
max
V
(1) Stresses beyond those listed as absolute maximum ratings may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those listed under Section 5.4, Recommended Operating
Conditions, is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to VSS, unless otherwise noted.
(3) See I/Os supplied by this power pin in Table 4-1 Pin Attributes
(4) VDD is the voltage on the corresponding power-supply pin(s) for the IO.
(5) Per JEDEC JESD78 at 125°C with specified I/O pin injection current and clamp voltage of 1.5 times maximum recommended I/O
voltage and negative 0.5 times maximum recommended I/O voltage.
(6) Per JEDEC JESD78 at 125°C.
5.2
ESD Ratings
VALUE
UNIT
VESD Electrostatic discharge
Human-Body model (HBM), per AEC Q100-002(1)
±1000
V
Charged-device model (CDM), per AEC
Q100-011
All pins
±250
Corner pins (A1,
A25, AE1, AE25)
±750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com