Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 118 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 118 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 114Page - Texas Instruments TDA2EX Datasheet HTML 115Page - Texas Instruments TDA2EX Datasheet HTML 116Page - Texas Instruments TDA2EX Datasheet HTML 117Page - Texas Instruments TDA2EX Datasheet HTML 118Page - Texas Instruments TDA2EX Datasheet HTML 119Page - Texas Instruments TDA2EX Datasheet HTML 120Page - Texas Instruments TDA2EX Datasheet HTML 121Page - Texas Instruments TDA2EX Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 391 page
background image
118
TDA2EG-17
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-5. Maximum Supported Frequency (continued)
Module
Clock Sources
Instance Name
Input Clock Name
Clock
Type
Max. Clock
Allowed
(MHz)
PRCM Clock Name
PLL / OSC /
Source Clock
Name
PLL / OSC / Source
Name
PCIe_SS1
PCIE1_PHY_WKUP_
CLK
Func
0.032
PCIE_32K_GFCLK
FUNC_32K_CLK
DPLL_CORE
PCIe_SS1_FICLK
Int
266
PCIE_L3_GICLK
CORE_X2_CLK
PCIEPHY_CLK
Func
2500
PCIE_PHY_GCLK
PCIE_PHY_GCLK
APLL_PCIE
PCIEPHY_CLK_DIV
Func
1250
PCIE_PHY_DIV_GCLK PCIE_PHY_DIV_G
CLK
APLL_PCIE
PCIE1_REF_CLKIN
Func
34.3
PCIE_REF_GFCLK
CORE_USB_OTG
_SS_LFPS_TX_CL
K
DPLL_CORE
PCIE1_PWR_CLK
Func
38.4
PCIE_SYS_GFCLK
SYS_CLK1
OSC1
PCIe_SS2
PCIE2_PHY_WKUP_
CLK
Func
0.032
PCIE_32K_GFCLK
FUNC_32K_CLK
DPLL_CORE
PCIe_SS2_FICLK
Func
266
PCIE_L3_GICLK
CORE_X2_CLK
PCIEPHY_CLK
Func
2500
PCIE_PHY_GCLK
PCIE_PHY_GCLK
APLL_PCIE
PCIEPHY_CLK_DIV
Func
1250
PCIE_PHY_DIV_GCLK PCIE_PHY_DIV_G
CLK
APLL_PCIE
PCIE2_REF_CLKIN
Func
34.3
PCIE_REF_GFCLK
CORE_USB_OTG
_SS_LFPS_TX_CL
K
DPLL_CORE
PCIE2_PWR_CLK
Func
38.4
PCIE_SYS_GFCLK
SYS_CLK1
OSC1
PRCM_MPU
32K_CLK
Func
0.032
FUNC_32K_CLK
SYS_CLK1/610
OSC1
SYS_CLK
Func
38.4
WKUPAON_ICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
PWMSS1
PWMSS1_GICLK
Int &
Func
266
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
PWMSS2
PWMSS2_GICLK
Int &
Func
266
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
PWMSS3
PWMSS3_GICLK
Int &
Func
266
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
QSPI
QSPI_ICLK
Int
266
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
QSPI_FCLK
Func
128
QSPI_GFCLK
FUNC_256M_CLK
DPLL_PER
PER_QSPI_CLK
DPLL_PER
RNG
RNG_ICLK
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SAR_ROM
PRCM_ROM_CLOCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SDMA
SDMA_FCLK
Int &
Func
266
DMA_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SHA2MD51
SHAM_1_CLK
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SHA2MD52
SHAM_2_CLK
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SL2
IVA_GCLK
Int
IVA_GCLK
IVA_GCLK
IVA_GFCLK
DPLL_IVA
SMARTREFLEX_
CORE
MCLK
Int
133
COREAON_L4_GICLK
CORE_X2_CLK
DPLL_CORE
SYSCLK
Func
38.4
WKUPAON_ICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
SMARTREFLEX_
DSP
MCLK
Int
133
COREAON_L4_GICLK
CORE_X2_CLK
DPLL_CORE
SYSCLK
Func
38.4
WKUPAON_ICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com