Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 24Page - Texas Instruments DAC38RF80 Datasheet HTML 25Page - Texas Instruments DAC38RF80 Datasheet HTML 26Page - Texas Instruments DAC38RF80 Datasheet HTML 27Page - Texas Instruments DAC38RF80 Datasheet HTML 28Page - Texas Instruments DAC38RF80 Datasheet HTML 29Page - Texas Instruments DAC38RF80 Datasheet HTML 30Page - Texas Instruments DAC38RF80 Datasheet HTML 31Page - Texas Instruments DAC38RF80 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 155 page
background image
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
D026
On-chip PLL
External clock
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
D026
On-chip PLL
External clock
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
D022
Iout=10mA
Iout=20mA
Iout=30mA
Iout=40mA
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
D022
Iout=10mA
Iout=20mA
Iout=30mA
Iout=40mA
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
D001
D032
-12dBFS
-6dBFS
0dBFS
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
D001
D032
-12dBFS
-6dBFS
0dBFS
28
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Excludes HD2, HD3 and CMP2
DAC38RF83/93/85
Figure 19. SFDR vs Output Frequency Over Input Scale
Excludes HD2, HD3 and CMP2
DAC38RF80/90/84
Figure 20. SFDR vs Output Frequency Over Input Scale
Excludes HD2, HD3 and CMP2
DAC38RF83/93/85
Figure 21. SFDR vs Output Frequency Over Output Current
IoutFS
Excludes HD2, HD3 and CMP2
DAC38RF80/90/84
Figure 22. SFDR vs Output Frequency Over Output Current
IoutFS
Excludes HD2, HD3 and CMP2
DAC38RF83/93/85
Figure 23. SFDR vs Output Frequency Over Clocking Option
Excludes HD2, HD3 and CMP2
DAC38RF80/90/84
Figure 24. SFDR vs Output Frequency Over Clocking Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com