Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 61 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 57Page - Texas Instruments DAC38RF80 Datasheet HTML 58Page - Texas Instruments DAC38RF80 Datasheet HTML 59Page - Texas Instruments DAC38RF80 Datasheet HTML 60Page - Texas Instruments DAC38RF80 Datasheet HTML 61Page - Texas Instruments DAC38RF80 Datasheet HTML 62Page - Texas Instruments DAC38RF80 Datasheet HTML 63Page - Texas Instruments DAC38RF80 Datasheet HTML 64Page - Texas Instruments DAC38RF80 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 155 page
background image
16
16
16
16
xN
xN
xN
xN
x
sin(x)
48-bit
NCO2
cos
sin
48-bit
NCO1
cos
sin
CMIX control
(±n*Fs/4)
Input
Mux
Multiband
summation
x
sin(x)
PAP
Gain
PAP
Gain
From 2nd
multi-DUC
Delay
I
Q
I
Q
Path AB
Path CD
61
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 57. DAC38RFxx multi-DUC Signal Processing Block Diagram
8.3.17.1 Multi-DUC input
Each multi-DUC, accepts data from up to 8 SerDes lanes. A crossbar switch allows any SerDes lane to be
mapped to any other SerDes lane. The crossbar switch is controlled by fields OCTETPATHx_SEL (x = [0..7]) in
Registers JESD_CROSSBAR1 (8.5.57) and JESD_CROSSBAR2 (8.5.58).
As shown in Table 9, the multiband DUC can be configured as either a single DUC with 1 IQ input, or a dual
DUC with 2 IQ inputs, which is selected by asserting field DUAL_IQ in register MULTIDUC_CFG1 (8.5.13).
8.3.17.2 Interpolation Filters
The digital upconverter first increases the sample rate of the IQ signal from the input sample rate to the final
DAC sample rate through a series of interpolation filters. Different sets of filters are used to achieve different
rates, as shown in Table 34. The interpolation rate is selected by field INTERP in register MULTIDUC_CFG1
(8.5.13).
Table 34. FIR filters Used for Different Interpolation Rates
FILTERS USED
Interpolation
Rate
FIR0 (2x)
FIR1 (2x)
LPFIR0_5X
FIR2 (2x)
LPFIR0_3X
FIR3 (2x)
LPFIR1_3X
6
x
x
8
x
x
x
10
x
x
12
x
x
x
16
x
x
x
x
18
x
x
x
20
x
x
x
24
x
x
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com