Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 74 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 70Page - Texas Instruments DAC38RF80 Datasheet HTML 71Page - Texas Instruments DAC38RF80 Datasheet HTML 72Page - Texas Instruments DAC38RF80 Datasheet HTML 73Page - Texas Instruments DAC38RF80 Datasheet HTML 74Page - Texas Instruments DAC38RF80 Datasheet HTML 75Page - Texas Instruments DAC38RF80 Datasheet HTML 76Page - Texas Instruments DAC38RF80 Datasheet HTML 77Page - Texas Instruments DAC38RF80 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 155 page
background image
VOUT1/2+
2 : 1
50 :
RLOAD
VOUT1/2-
VDDADAC18
(1.8V)
100 :
FS
FS
PP
FS
IOUT
IOUT
VOUT
IOUT
50
1/ 2
25
200
u
u
u
u
u
FS
FS
PP
IOUT+ IOUT
IOUT
IOUT- IOUT
IOUT+
VOUT
VOUT
VOUT
,
0
,
0
1 / 2
1 / 2
1 / 2
IOUT -
Zext -
IOUT + Zext +
VOUT
Zext +
Zext -
Zext + Zext -
Zext + Zext -
100
1/ 2
100
u
u
u
u
IOUT +
Zext +
IOUT - Zext -
VOUT
Zext +
Zext +
Zext + Zext -
Zext + Zext -
100
1/ 2
100
u
u
u
u
FS
IOUT
CODE
IOUT-
16383
16384
u
FS
IOUT
CODE
IOUT+
16384
u
74
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(12)
(13)
where CODE is the decimal representation of the 14-bit DAC core data input word. Note the signal path up to the
DAC is 16-bits and the 2 LSBs are truncated for the DAC core data input word.
8.3.29 DAC Transfer Function for DAC38RF83, 93, 85
The DAC38RF83/93/85 has a differential output and is terminated internally with a differential 100-Ω load. The
DAC38RF83/93/85 output compliance range is 1.3 to 2.3 V. Note that care should be taken not to exceed the
compliance voltages at node VOUT1/2+ and VOUT1/2-, which would lead to increased signal distortion.
Referring again toFigure 71, denote the external impedance as seen by VOUT1/2+ as Zext+ and by VOUT1/2-
as Zext-. Note that Zext+ and Zext- should terminate to VDDOUT18 to supply the output current for the DAC.
Also, Zext+ and Zext- are ideally identical to maintain the differential balance of the output. The voltage at nodes
VOUT1/2+ and VOUT1/2- generated by the current flow through the impedance is
(14)
(15)
The DAC38RF83/93/85 can be easily configured to drive a doubly terminated 50-Ω cable using a properly
selected 2:1 RF transformer (Figure 72). Note that the center tap of the primary input of the transformer has to
be connected to the VDDOUT18 supply (nominally 1.8 V) to enable a DC current flow into the DAC. The AC load
impedance as seen through 2:1 transformer is 100 Ω, which is split equally into Zext+ = Zext- = 50 Ω. The DC
impedance for the transformer is a short to the center tap of the transformer, which drives the common mode of
VOUT1/2+ and VOUT1/2- to 1.8V. To calculate the peak to peak output swing VOUT1/2PP at each node, the
equations above simplify to:
(16)
(17)
With IOUTFS = 40 mA, the swing becomes 1 VPP at each node. With the common mode at 1.8 V due to the
center tap, the voltage at VOUT1/2+ and VOUT1/2- varies between 1.3 and 2.3 V, which is the compliance range
of the DAC.
The differential output swing is 2x VOUT1/2PP, or 2 VPPDIFF. On the load side of the transformer, this reduces to
1.414 VPP, for a transferred load power of 7 dBm (assuming no loss).
Figure 72. Driving a 50-Ω Load Using a 2:1 Impedance Ratio Transformer (DAC38RF83/93/85)
The DAC38RF83/93/85 can also be DC coupled. In this case, the termination voltage can be raised above 1.8 V
(for example 2.3 V) so that the common mode for the output pin is nominally 1.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com