Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 5 Page - Texas Instruments

  DAC38RF80 Datasheet HTML 1Page - Texas Instruments DAC38RF80 Datasheet HTML 2Page - Texas Instruments DAC38RF80 Datasheet HTML 3Page - Texas Instruments DAC38RF80 Datasheet HTML 4Page - Texas Instruments DAC38RF80 Datasheet HTML 5Page - Texas Instruments DAC38RF80 Datasheet HTML 6Page - Texas Instruments DAC38RF80 Datasheet HTML 7Page - Texas Instruments DAC38RF80 Datasheet HTML 8Page - Texas Instruments DAC38RF80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 155 page
background image
5
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Changes from Original (December 2016) to Revision A
Page
•
Changed Feature: Spectral Performance (on-chip PLL, DIFF) .............................................................................................. 1
•
Changed text From: 1.23 GSPS complex per channel To: 1.25 GSPS complex per channel in the Description ................. 1
•
Changed the Pin Configuration image .................................................................................................................................. 7
•
Changed the Pin Functions table ........................................................................................................................................... 8
•
Changed the Description of SYSREF+ From: "LVPECL SYSREF positive input." To: "LVPECL SYSREF positive
input, self biased." in the Pin Functions - DAC38RF83, DAC38RF93, DAC38RF85 table .................................................... 9
•
Changed the Pin Configuration image ................................................................................................................................ 10
•
Changed the Pin Functions table ......................................................................................................................................... 11
•
Added "Transformer (TCM2-452X-2+) loss not de-embedded 2.1 GHz output frequency" to the Full scale output
power Test Conditions in Electrical Characteristics - DC Specifications.............................................................................. 14
•
Changed Reference output current From: 100 mA To: 100 nA in the Electrical Characteristics - DC Specifications ......... 14
•
Changed the POWER SUPPLY CURRENT AND CONSUMPTION section of the Electrical Characteristics - DC
specifications table ............................................................................................................................................................... 14
•
Updated the typical values for power consumption for all modes in Electrical Characteristics - DC Specifications table... 17
•
Specified the test conditions for Electrical Characteristics - DC Specifications table .......................................................... 17
•
Added max current and power consumption for operating Mode 1 and Mode 11 Electrical Characteristics - DC
Specifications table............................................................................................................................................................... 17
•
Changed VI(DPP) From: MIN = 100 V TYP = 800 V To: TYP = 800 mV MAX = 2000 mVin Electrical Characteristics -
Digital Specifications table.................................................................................................................................................... 17
•
Changed the typical values throughout the Electrical Characteristics - AC Specifications table ......................................... 20
•
Changed the NSD Test Conditions in the Electrical Characteristics - AC Specifications table ........................................... 22
•
Changed the AC PERFORMANCE – Modulated Signals section Test Conditions in the Electrical Characteristics -
AC Specifications table......................................................................................................................................................... 22
•
Changed From: LMFSHd = 841 To: LMFSHd = 84111 in the Typical Characteristics conditions statement ...................... 25
•
Updated graphs in the Typical Characteristics section ........................................................................................................ 25
•
Added: Transformer loss is not de-embedded in Figure 37 ................................................................................................ 31
•
Added: VCO frequency to Figure 41 through Figure 44 ...................................................................................................... 31
•
Changed text From: 1.25 GSPS complex per channel To: 1.23 GSPS complex per channel in the Description ............... 33
•
Replaced the Functional Block Diagrams, Figure 45 through Figure 50.............................................................................. 33
•
Updated the max input rate in Table 9 ................................................................................................................................ 44
•
Updated value of pull up and pull down resistors in Figure 70 under CMOS Digital Inputs ................................................ 72
•
Changed From: 2 x (DACFS -11) To: 2 mA x (DACFS - 11) in Equation 10 ...................................................................... 72
•
Changed text From: "(PFD) and charge pump (CP) is required." To: "(PFD) is approximately 550 MHz." in the
Internal PLL/VCO section ..................................................................................................................................................... 76
•
Updated the startup sequence in Figure 167 .................................................................................................................... 141
•
Replaced Figure 172 ......................................................................................................................................................... 145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com