Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 41 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 37Page - Texas Instruments DAC38RF80 Datasheet HTML 38Page - Texas Instruments DAC38RF80 Datasheet HTML 39Page - Texas Instruments DAC38RF80 Datasheet HTML 40Page - Texas Instruments DAC38RF80 Datasheet HTML 41Page - Texas Instruments DAC38RF80 Datasheet HTML 42Page - Texas Instruments DAC38RF80 Datasheet HTML 43Page - Texas Instruments DAC38RF80 Datasheet HTML 44Page - Texas Instruments DAC38RF80 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 155 page
background image
41
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Table 3.
RATE
LINE RATE
PLL OUTPUT FREQUENCY
00
x Gbps
0.25x GHz
01
x Gbps
0.5x GHz
10
x Gbps
1x GHz
11
x Gbps
2x GHz
Table 4. SerDes PLL Modes Selection
MPY
EFFECT
0x20
4x
0x28
5x
0x30
6x
0x40
8x
0x42
8.25x
0x50
10x
0x60
12x
0x64
12.5x
0x78
15x
0x80
16x
0x84
16.5x
0xA0
20x
0xB0
22x
0xC8
25x
Other codes
Reserved
The wide range of multiply factors combined with the different rate modes means it is often possible to achieve a
given line rate from multiple different reference frequencies. The configuration which utilizes the highest
reference frequency achievable is always preferable.
The SerDes PLL VCO must be in the nominal range of 1.5625 - 3.125 GHz. It is necessary to adjust the loop
filter depending on the operating frequency of the VCO. If the PLL output frequency is below 2.17 GHz, VRANGE
in register SRDS_PLL_CFG (8.5.84) should be set high.
Performance of the integrated PLL can be optimized according to the jitter characteristics of the reference clock
by setting the appropriate loop bandwidth via field LB in register SRDS_PLL_CFG (8.5.84). The loop bandwidth
is obtained by dividing the reference frequency by BWSCALE, where the BWSCALE is a function of both LB and
PLL output frequency as shown in Table 5.
Table 5. SerDes PLL Loop Bandwidth Selection
LB
EFFECT
BWSCALE vs PLL OUTPUT FREQUENCY
3.125 GHz
2.17 GHz
1.5625 GHz
00
Medium loop bandwidth
13
14
16
01
Ultra high loop bandwidth
7
8
8
10
Low loop bandwidth
21
23
30
11
High loop bandwidth
10
11
14
An approximate loop bandwidth of 8 – 30 MHz is suitable and recommended for most systems where the
reference clock is via low jitter clock input buffer. For systems where the reference clock is via a low jitter input
cell, but of low quality, an approximate loop bandwidth of less than 8 MHz may offer better performance. For
systems where the reference clock is cleaned via an ultra-low jitter LC-based cleaner PLL, a high loop bandwidth
up to 60 MHz is more appropriate. Note that the use of ultra-high loop bandwidth setting is not recommended for
PLL multiply factor of less than 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com