Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 69 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 65Page - Texas Instruments DAC38RF80 Datasheet HTML 66Page - Texas Instruments DAC38RF80 Datasheet HTML 67Page - Texas Instruments DAC38RF80 Datasheet HTML 68Page - Texas Instruments DAC38RF80 Datasheet HTML 69Page - Texas Instruments DAC38RF80 Datasheet HTML 70Page - Texas Instruments DAC38RF80 Datasheet HTML 71Page - Texas Instruments DAC38RF80 Datasheet HTML 72Page - Texas Instruments DAC38RF80 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 155 page
background image
output
AB
CD
AB
CD
OUTSUM
SAME
SAME
ADJ
ADJ
69
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
The normal operating condition for the PAP block is the NORMAL state in Figure 68. However, when the PAP
block detects an error condition it sets the pap_trig signal to ‘1’ causing a state transition from NORMAL
operation to the ATTENUATE state.
In the ATTENUTATE state the data path gain is scaled from 1.0 down to 0.0 by a programmable step amount set
by fields PAPAB_GAIN_STEP in register PAP_GAIN_AB (8.5.31) and PAPCD_GAIN_STEP in register
PAP_GAIN_CD (8.5.33). This value is always positive with the decimal place located between the MSB and
MSB-1. Unity is equal to “1000000000”. Each clock cycle (16 samples) the PAP_GAIN is stepped down by
PAPAB_GAIN_STEP and PAPCD_GAIN_STEP until the gain is 0.
After PAP_GAIN is 0, the state machine moves on to the WAIT state. Here a programmable counter counts clock
cycles to allow the condition for the pap_trig to be fixed. Fields PAPAB_WAIT in register PAP_WAIT_AB (8.5.32)
and PAPCD_WAIT in register PAP_WAIT_CD (8.5.34) are used to select the number of clock cycles (samples =
16 x PAPAB_WAIT or 16 x PAPCD_WAIT) to wait before moving to the next state. Once the WAIT counter
equals zero and pap_trig=’0’, the state machine moves on to the GAIN state. If the WAIT equals 0 but pap_trig
still equals ‘1’ then the state machine stays in the WAIT state until pap_trig =’0’.
8.3.19 Gain Block
The GAIN block also has additional output gain control through fields GAINAB in register GAINAB (8.5.39) and
GAINCD in register GAINCD (8.5.40). Similar to PAP_GAIN value, the output gain is always positive with unity
when GAINAB or GAINCD = ”010000000000”.
To reduce the power, the gain block clock has been gated whenever the pap is disabled and GAINAB or
GAINCD is set to unity.
8.3.20 Output Summation
The OUTSUM block allows addition of samples from each DUC in the multi-DUC. It is also possible to add the
output samples from the adjacent multi-DUC. Field OUTSUM_SEL in register OUTSUM (8.5.22) controls the
summation for each multi-DUC. The functionality of the block can be represented by the following equation:
(7)
In order to avoid overflow, rounding operation is performed after the addition to reduce the word size back to 16-
bits. Exact number of bits rounded depends on the number of channels added. Table 39 shows the description of
round after the summation.
Table 39. OUTSUM Scaling and Rounding
# OF CHANNELS ADDED
# OF BITS ROUNDED
0
0, Use bits[15:0] from the result
1
Use bits[16:1] from the result and bit[0] used for rounding
2
Use bits[17:2] from the result and bits[1:0] used for rounding
3
Use bits[18:3] from the result and bit[2:0] used for rounding
4
Use bits[19:4] from the result and bit[3:0] used for rounding
8.3.21 Output Delay
The signal following output summation can be programmably delayed by 0-15 DACCLK cycles through field
OUTPUT_DELAY in register OUTSUM (8.5.20). The block takes 16 sample words (vec16) from both the A and B
paths and shifts the them to 32 sample long delay line.
8.3.22 Polarity Inversion
The signal following the output delay can be inverted by a 2’s complement conversion allowing the + and - DAC
outputs to be swapped by asserting field DAC_COMPLEMENT in register MULTIDUC_CFG1 (8.5.13).
8.3.23 Temperature Sensor
The DAC38RFxx incorporates a temperature sensor block which monitors the die temperature by measuring the
voltage across 2 transistors. The voltage is converted to an 8-bit digital word using a successive approximation
(SAR) analog to digital conversion process. The result is scaled, limited and formatted as a twos complement
value representing the temperature in degrees Celsius.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com