Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 40 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 36Page - Texas Instruments DAC38RF80 Datasheet HTML 37Page - Texas Instruments DAC38RF80 Datasheet HTML 38Page - Texas Instruments DAC38RF80 Datasheet HTML 39Page - Texas Instruments DAC38RF80 Datasheet HTML 40Page - Texas Instruments DAC38RF80 Datasheet HTML 41Page - Texas Instruments DAC38RF80 Datasheet HTML 42Page - Texas Instruments DAC38RF80 Datasheet HTML 43Page - Texas Instruments DAC38RF80 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 155 page
background image
DACCLK+
DACCLK-
DACCLKSE
0
1
SEL_EXTCLK_DIFFSE
DAC PLL
Predivider
0
1
SERDES_REFCLK_SEL
divider
SERDES_REFCLK_DIV
SERDES_REFCLK_PREDIV
SERDES
PLL
REFCLK
40
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.3.2 SerDes Rate
The DAC38RFxx has eight configurable JESD204B serial lanes. The highest speed of each SerDes lane is 12.5
Gbps. Because the primary operating frequency of the SerDes is determined by its reference clock and PLL
multiplication factor, there is a limit on the lowest SerDes rate supported. To support lower speed application,
each receiver should be configured to operate at half, quarter or eighth of the full rate via field RATE in register
SRDS_CFG2 (8.5.87). Refer to Table 2 for details.
Table 2. Lane Rate Selection
RATE
EFFECT
00
Full rate. Four data samples taken per SerDes PLL output clock cycle.
01
Half rate. Two data samples taken per SerDes PLL output clock cycle.
10
Quarter rate. One data samples taken per SerDes PLL output clock cycle.
11
Eighth rate. One data samples taken every two SerDes PLL output clock cycles.
8.3.3 SerDes PLL
The DAC38RFxx has two integrated PLLs, one PLL is to provide the clocking of DAC; the other PLL is to provide
the clocking for the high speed SerDes. The reference frequency of the SerDes PLL can be in the range of 100-
800 MHz nominal, and 300-800 MHz optimal. The reference frequency is derived from DACCLK divided down by
the value in field SerDes_REFCLK_DIV in register SRDS_CLK_CFG (8.5.84), as shown in Figure 52. Field
SerDes_CLK_SEL in register SRDS_CLK_CFG (8.5.84) determines if the DACCLK input or DAC PLL output is
used as the source of the SerDes PLL reference. If the DACCLK input is used, a pre-divider set by field
SerDes_REFCLK_PREDIV in register SRDS_CLK_CFG (8.5.84) should be used to reduce the frequency of the
DACCLK.
Figure 52. Reference Clock of SerDes PLL
During normal operation, the clock generated by PLL is 4-25 times the reference frequency, according to the
multiply factor selected via the field MPY] in register SRDS_PLL_CFG (8.5.85). In order to select the appropriate
multiply factor and reference clock frequency, it is first necessary to determine the required PLL output clock
frequency. The relationship between the PLL output clock frequency and the lane rate is determined by field
RATE in register SRDS_CFG2 (8.5.87) is shown in Table 3. Having computed the PLL output frequency, the
reference frequency can be obtained by dividing this by the multiply factor specified via MPY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com