Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 29Page - Texas Instruments DAC38RF80 Datasheet HTML 30Page - Texas Instruments DAC38RF80 Datasheet HTML 31Page - Texas Instruments DAC38RF80 Datasheet HTML 32Page - Texas Instruments DAC38RF80 Datasheet HTML 33Page - Texas Instruments DAC38RF80 Datasheet HTML 34Page - Texas Instruments DAC38RF80 Datasheet HTML 35Page - Texas Instruments DAC38RF80 Datasheet HTML 36Page - Texas Instruments DAC38RF80 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 155 page
background image
14-b
DAC
Control Interface
Temp
Sensor
Clock
Distribution
RBIAS
DACCLK+
DACCLK-
RX[4..7]+
RX[4..7]-
RX[0..3]+
RX[0..3]-
SYSREF+
SYSREF-
VDDA18
DACB
Gain
Low Jitter
PLL
SYNC1\+
SYNC1\-
0.9 V
Ref
VDDS18
VDDT1
VDDR18
JTAG
ATEST
AMUX0/1
IFORCE
VSENSE
TESTMODE
VEE18N
VOUT2
CLKTX+
Divider
/2, /3, /4
Multi-band DUC Channel 1 (multi-DUC1)
x
sin(x)
14-b
DAC
DACA
Gain
VOUT1
x
sin(x)
I
Q
I
Q
I
Q
I
Q
NCO 1
NCO 2
NCO 4
NCO 3
Multi-band DUC Channel 2 (multi-DUC2)
CLKTX-
SYNC2\+
SYNC2\-
DACCLKSE
VDDTX1
VDDTX18
VDDOUT18
Copyright © 2016, Texas Instruments Incorporated
EXTIO
33
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The DAC38RFxx is a family of high-performance, dual/single-channel, 14-bit, 9-GSPS, RF-sampling digital-to-
analog converters (DACs) that are capable of synthesizing wideband signals from 0 to 4.5 GHz. A high dynamic
range allows the DAC38RFxx family to generate signals for a wide range of applications including 3G/4G signals
for wireless base-stations.
The devices feature a low-power JESD204B Interface with up to 8 lanes, and provides a maximum bit rate and
input data rate of 12.5 Gbps and 1.25 GSPS complex per channel respectively. The DAC38RFxx provides two
digital up-converters per channel, with multiple options for interpolation rates. A digital quadrature modulator with
independent, frequency flexible NCOs are available to support multi-band operation. An optional low-jitter
PLL/VCO simplifies the DAC sampling clock generation by allowing use of a lower frequency reference clock.
8.2 Functional Block Diagrams
Figure 45. DAC38RF80 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com