Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 55 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 51Page - Texas Instruments DAC38RF80 Datasheet HTML 52Page - Texas Instruments DAC38RF80 Datasheet HTML 53Page - Texas Instruments DAC38RF80 Datasheet HTML 54Page - Texas Instruments DAC38RF80 Datasheet HTML 55Page - Texas Instruments DAC38RF80 Datasheet HTML 56Page - Texas Instruments DAC38RF80 Datasheet HTML 57Page - Texas Instruments DAC38RF80 Datasheet HTML 58Page - Texas Instruments DAC38RF80 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 155 page
background image
55
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Table 26. ws_core Chain
FIELD
DESCRIPTION
HEAD (STARTING FROM THE MSB OF CHAIN)
RETIME
No function.
ENPLL
PLL enable.
MPY[7:0]
PLL multiply.
VRANGE
VCO range.
ENDIVCLK
Enable DIVCLK output
LB[1:0]
Loop bandwidth
RECEIVER (FOR EACH LANE 0,1,2,3)
ENRX
Receiver enable.
SLEEPRX
Receiver sleep mode.
BUSWIDTH[2:0]
Bus width.
RATE[1:0]
Operating rate.
INVPAIR
Invert polarity.
TERM[2:0]
Termination.
ALIGN[1:0]
Symbol alignment.
LOS[2:0]
Loss of signal enable.
CDR[2:0]
Clock/data recovery.
EQ[2:0]
Equalizer.
EQHLD
Equalizer hold.
ENOC
Offset compensation.
LOOPBACK[1:0]
Loopback.
BSINRXP
Boundary scan initialization.
BSINRXN
Boundary scan initialization.
RESERVED
Reserved.
Testpatt[2:0]
Test pattern selection.
TESTFAIL
Test failure (real time).
LOSTDTCT
Loss of signal detected (real time).
BSRXP
Boundary scan data.
BSRXN
Boundary scan data.
OCIP
Offset compensation in progress.
EQOVER
Receiver signal over equalized.
EQUNDER
Receiver signal under equalized.
LOSTDTCT
Loss of signal detected (sticky).
SYNC
Re-alignment done, or aligned comma output
(sticky).
RETIME
No function.
TAIL (ENDING WITH THE LSB CHAIN)
CLKBYP[1:0]
Clock bypass.
SLEEPPLL
PLL sleep mode.
RESERVED
Reserved.
LOCK
PLL lock (real time).
BSINITCLK
Boundary scan initialization clock.
ENBSTX
Enable TX boundary scan.
ENBSRX
Enable RX boundary scan.
ENBSPT
RX pulse boundary scan.
RESERVED
Reserved.
NEARLOCK
PLL near to lock.
UNLOCK
PLL lock (sticky).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com