Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 78 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 74Page - Texas Instruments DAC38RF80 Datasheet HTML 75Page - Texas Instruments DAC38RF80 Datasheet HTML 76Page - Texas Instruments DAC38RF80 Datasheet HTML 77Page - Texas Instruments DAC38RF80 Datasheet HTML 78Page - Texas Instruments DAC38RF80 Datasheet HTML 79Page - Texas Instruments DAC38RF80 Datasheet HTML 80Page - Texas Instruments DAC38RF80 Datasheet HTML 81Page - Texas Instruments DAC38RF80 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 155 page
background image
rwb
A6
A5
A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Instruction Cycle
Data Transfer Cycle
td(Data)
SDEN\
SCLK
SDIO
SDEN\
SCLK
SDIO
SDO
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SDO
Data n
Data n-1
rwb
A6
A5
A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Instruction Cycle
Data Transfer Cycle
tS(SDEN\)
tS(SDIO) tH(SDIO)
tSCLK
SDEN\
SCLK
SDIO
SDEN\
SCLK
SDIO
78
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 76 shows the serial interface timing diagram for a DAC38RFxx write operation. SCLK is the serial
interface clock input to DAC38RFxx. Serial data enable SDEN is an active low input to DAC38RFxx. SDIO is
serial data input. Input data to DAC38RFxx is clocked on the rising edges of SCLK.
Figure 76. Serial Interface Write Timing Diagram
Figure 77 shows the serial interface timing diagram for a DAC38RFxx read operation. SCLK is the serial
interface clock input to DAC38RFxx. Serial data enable SDEN\ is an active low input to DAC38RFxx. SDIO is
serial data input during the instruction cycle. In 3 pin configuration, SDIO is data out from the DAC38RFxx during
the data transfer cycle, while SDO is in a high-impedance state. In 4 pin configuration, both SDIO and SDO are
data out from the DAC38RFxx during the data transfer cycle. At the end of the data transfer, SDIO and SDO will
output low on the final falling edge of SCLK until the rising edge of SDEN when they will 3-state.
Figure 77. Serial Interface Read Timing Diagram
n the SIF interface there are four types of registers:
8.4.5.1 NORMAL (RW)
The NORMAL register type allows data to be written and read from. All 16-bits of the data are registered at the
same time. There is no synchronizing with an internal clock thus all register writes are asynchronous with respect
to internal clocks. There are three subtypes of NORMAL:
1. AUTOSYNC: A NORMAL register that causes a sync to be generated after the write is finished. These are
used when it is desirable to synchronize the block after writing the register or for a single field that spans
across multiple registers. For instance, the NCO requires three 16-bit register writes to set the frequency.
Upon writing the last of these registers an autosync is generated to deliver the entire field to the NCO block
at once, rather than in pieces after each individual register write. For a field that spans multiple registers, all
non-AUTOSYNC registers for the field must be written first before the actual AUTOSYNC register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com