Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 10Page - Texas Instruments DAC38RF80 Datasheet HTML 11Page - Texas Instruments DAC38RF80 Datasheet HTML 12Page - Texas Instruments DAC38RF80 Datasheet HTML 13Page - Texas Instruments DAC38RF80 Datasheet HTML 14Page - Texas Instruments DAC38RF80 Datasheet HTML 15Page - Texas Instruments DAC38RF80 Datasheet HTML 16Page - Texas Instruments DAC38RF80 Datasheet HTML 17Page - Texas Instruments DAC38RF80 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 155 page
background image
14
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
AAV (FCBGA)
UNIT
144 PINS
RθJA
Junction-to-ambient thermal resistance
25
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1.0
°C/W
RθJB
Junction-to-board thermal resistance
7.7
°C/W
ψJT
Junction-to-top characterization parameter
0.1
°C/W
ψJB
Junction-to-board characterization parameter
7.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
7.5 Electrical Characteristics - DC Specifications
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY
Resolution
14
bits
DNL Differential nonlinearity
(DAC38RF83/93/85) only
±3
LSB
INL Integral nonlinearity
(DAC38RF83/93/85) only
±4
LSB
ANALOG OUTPUT
Gain Error
(DAC38RF83/93/85) only
±2
%FSR
Full scale output signal current
10
30
40
mA
P(OUTFS)
Full scale output power
2:1 transformer coupled into 50 Ω- load. Transformer
(TCM2-452X-2+) loss not de-embedded
2.1 GHz output frequency
(DAC38RF83/93/85) only
3
dBm
P(OUTFS)
Full scale output power
50-Ω load
2.1 GHz output frequency
(DAC38RF80/90/84) only
0
dBm
Output Compliance Range
1.3
2.3
V
Output capacitance
Single ended to ground.
(DAC38RF83/93/85) only
1.5
pF
Output resistance
Measured differentially
(DAC38RF83/93/85) only
100
Ω
REFERENCE OUTPUT: EXTIO
VREF
Reference output voltage
0.9
V
Reference output current
100
nA
Reference voltage drift
±8
ppm/°C
POWER SUPPLY CURRENT AND CONSUMPTION
1 V Digital supplies: VDDDIG1
MODE 1: 2 TX, 1IQ/slice, LMFS = 8411, PLL on, 12x
Interpolation, fINPUT = 737.28 MSPS, fDAC = 8847.36
MSPS, NCO’s = 2.14 GHz, CLKTX Disabled
1478
2290
mA
1 V Analog supplies: VDDA1
VDDACLK1 VDDTX1 VDDAPLL1
VDDT1 VDDE1
1510
1758
mA
1.8 V Supplies: VDDA18 VDDOUT18
VDDAVCO18 VDDAPLL18 VDDR18
VDDIO18 VDDS18 VDDTX18
281
290
mA
-1.8 V Supply: VEE18N
159
180
mA
PDIS
Power Dissipation
3779
4894
mW
1 V Digital supplies: VDDDIG1
MODE 2: 1 TX, 1IQ/slice, LMFS = 4211, PLL on, 12x
Interpolation, fINPUT = 737.28 MSPS, fDAC = 8847.36
MSPS, NCO = 2.14 GHz, CLKTX Disabled
1110
mA
1 V Analog supplies: VDDA1
VDDACLK1 VDDTX1 VDDAPLL1
VDDT1 VDDE1
1303
mA
1.8 V Supplies: VDDA18 VDDOUT18
VDDAVCO18 VDDAPLL18 VDDR18
VDDIO18 VDDS18 VDDTX18
257
mA
-1.8 V Supply: VEE18N
159
mA
PDIS
Power Dissipation
3162
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com