Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 79 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 75Page - Texas Instruments DAC38RF80 Datasheet HTML 76Page - Texas Instruments DAC38RF80 Datasheet HTML 77Page - Texas Instruments DAC38RF80 Datasheet HTML 78Page - Texas Instruments DAC38RF80 Datasheet HTML 79Page - Texas Instruments DAC38RF80 Datasheet HTML 80Page - Texas Instruments DAC38RF80 Datasheet HTML 81Page - Texas Instruments DAC38RF80 Datasheet HTML 82Page - Texas Instruments DAC38RF80 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 155 page
background image
79
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
2. No RESET Value: These are NORMAL registers, but the reset value cannot be specified. This could be
because the register has some read_only bits or some internal logic partially controls the bit values.
3. READ_ONLY (R): Registers that can only be read.
8.4.5.2 WRITE_TO_CLEAR (W0C)
These registers are just like NORMAL registers with one exception. They can be written and read, however,
when the internal logic asynchronously sets a bit high in one of these registers, that bit stays high until it is
written to ‘0’. This way interrupts will be captured and stay constant until cleared by the user.
8.5 Register Maps
Table 42. Register Summary
Address
Reset
Acronym
Register Name
Section
General Configuration Registers (PAGE_SET[2:0] = 000)
0x00
0x5803
RESET_CONFIG
Chip Reset and Configuration
8.5.1
0x01
0x1800
IO_CONFIG
IO Configuration
8.5.2
0x02
0xFFFF
ALM_SD_MASK
Lane Signal Detect Alarm Mask
8.5.3
0x03
0xFFFF
ALM_CLK_MASK
Clock Alarms Mask
8.5.4
0x04
0x0000
ALM_SD_DET
SERDES Loss of Signal Detection Alarms
8.5.5
0x05
0x0000
ALM_SYSREF_DET
SYSREF Alignment Circuit Alarms
8.5.6
0x06
variable
TEMP_PLLVOLT
Temperature Sensor and PLL Loop Voltage
8.5.7
0x07-0x08
0x0000
Reserved
Reserved
0x09
0x0000
PAGE_SET
Page Set
8.5.8
0x0A-0x77
0x0000
Reserved
Reserved
0x78
0x0000
SYSREF_ALIGN_R
SYSERF Align to r1 and r3 Count
8.5.9
0x79
0x0000
SYSREF12_CNT
SYSREF Phase Count 1 and 2
8.5.10
0x7A
0x0000
SYSREF34_CNT
SYSREF Phase Count 3 and 4
8.5.11
0x7B-0x7E
0x0000
Reserved
Reserved
0x7F
0x0008
VENDOR_VER
Vendor ID and Chip Version
8.5.12
Multi-DUC Configuration Registers (PAGE_SET[0] = 1 for multi-DUC1, PAGE_SET[1] = 1 for multi-DUC2)
0x0A
0x02B0
MULTIDUC_CFG1
Multi-DUC Configuration (PAP, Interpolation)
8.5.13
0x0B
0x0000
Reserved
Reserved
0x0C
0x2402
MULTIDUC_CFG2
Multi-DUC Configuration (Mixers)
8.5.14
0x0D
0x8300
JESD_FIFO
JESD FIFO Control
8.5.15
0x0E
0x00FF
ALM_MASK1
Alarm Mask 1
8.5.16
0x0F
0x1F83
ALM_MASK2
Alarm Mask 2
8.5.17
0x10
0xFFFF
ALM_MASK3
Alarm Mask 3
8.5.18
0x11
0xFFFF
ALM_MASK4
Alarm Mask 4
8.5.19
0x12
0x0000
JESD_LN_SKEW
JESD Lane Skew
8.5.20
0x13-0x16
0x0000
Reserved
Reserved
0x17
0x0000
CMIX
CMIX Configuration
8.5.21
0x18
0x0000
Reserved
Reserved
0x19
0x0000
OUTSUM
Output Summation and Delay
8.5.22
0x1A-0x1B
0x0000
Reserved
Reserved
0x1C
0x0000
PHASE_NCOAB
Phase offset for AB path NCO
8.5.23
0x1D
0x0000
PHASE_NCOCD
Phase offset for CD path NCO
8.5.24
0x1E-0x20
0x0000
FREQ_NCOAB
Frequency for AB path NCO
8.5.25
0x21-0x23
0x0000
FREQ_NCOCD
Frequency for CD path NCO
8.5.26
0x24
0x0010
SYSREF_CLKDIV
SYSREF Use for Clock Divider
8.5.27
0x25
0x7700
SERDES_CLK
Serdes Clock Control
8.5.28
0x26
0x0000
Reserved
Reserved
0x27
0x1144
SYNCSEL1
Sync Source Selection
8.5.29
0x28
0x0000
SYNCSEL2
Sync Source Selection
8.5.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com