Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 59 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 55Page - Texas Instruments DAC38RF80 Datasheet HTML 56Page - Texas Instruments DAC38RF80 Datasheet HTML 57Page - Texas Instruments DAC38RF80 Datasheet HTML 58Page - Texas Instruments DAC38RF80 Datasheet HTML 59Page - Texas Instruments DAC38RF80 Datasheet HTML 60Page - Texas Instruments DAC38RF80 Datasheet HTML 61Page - Texas Instruments DAC38RF80 Datasheet HTML 62Page - Texas Instruments DAC38RF80 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 155 page
background image
59
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.3.16 JESD204B Pattern Test
The DAC38RFxx supports the following test patterns for JESD204B:
•
Link layer test pattern by setting field JESD_TEST_SEQ in register JESD_LN_EN (8.5.45) and monitoring the
lane alarms (1 = fail, 0 = pass)
–
Verify repeating /D.21.5/ high frequency pattern for random jitter (RJ)
–
Verify repeating /K.28.5/ mixed frequency pattern for deterministic jitter (DJ)
–
Verify repeating initial lane alignment (ILA) sequence
•
RPAT, JSPAT or JTSPAT pattern can be verified using errors counter of 8b/10b errors produced over an
amount of time to get an estimate of BER.
•
Transport layer test pattern: implements a short transport layer pattern check based on F = 1, 2, 4 or 8. The
short test pattern has a duration of one frame period and is repeated continuously for the duration of the test.
Each sample has a unique value that can be identified with the position of the sample in the user data format.
The sample values are such that correct sample values will never be decoded at the receiver if there is a
mismatch between the mapping formats being used at the transmitter and receiver devices. This can
generally be accomplished by ensuring there are no repeating sub patterns within the stream of samples
being transmitted. Refer to the JESD204B standard section 5.1.6 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com