Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 90 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 86Page - Texas Instruments DAC38RF80 Datasheet HTML 87Page - Texas Instruments DAC38RF80 Datasheet HTML 88Page - Texas Instruments DAC38RF80 Datasheet HTML 89Page - Texas Instruments DAC38RF80 Datasheet HTML 90Page - Texas Instruments DAC38RF80 Datasheet HTML 91Page - Texas Instruments DAC38RF80 Datasheet HTML 92Page - Texas Instruments DAC38RF80 Datasheet HTML 93Page - Texas Instruments DAC38RF80 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 155 page
background image
90
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.5.13 Multi-DUC Configuration (PAP, Interpolation) Register (address = 0x0A) [reset = 0x02B0]
Figure 90. Multi-DUC Configuration (PAP, Interolation) Register (MULTIDUC_CFG1)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
x
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
1
0
0
0
1
0
1
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 55. MULTIDUC_CFG1 Field Descriptions
Bit
Field
Type
Reset
Description
15
DUAL_IQ
R/W
0
When asserted the SLICE uses both IQ paths
14
ISFIR_ENA
R/W
0
Turns on the inverse sync filter for the AB and CD paths when
programmed to 1.
13
Not used
R/W
0
Not used
12:8
INTERP
R/W
00010
Determines the interpolation amount.
00000: 1x
00001: 2x
00010: 4x
00011: 6x
00100: 8x
00101: 10x
00110: 12x
01000: 16x
01001: 18x
01010: 20x
01100: 24x
7
ALM_ZEROS_TXEN
R/W
1
When asserted any alarm that isn’t masked will mid-level the
DAC output by setting the txenable_from_dig to ‘0’
6
DAC_COMPLEMENT
R/W
0
When asserted the DAC output will be 2's complemented. This
helps with hookup at the board level.
5
ALM_ZEROS_JESD
R/W
1
When asserted any alarm that isn’t masked will zero the data
coming out of the JESD block.
4
ALM_OUT_ENA
R/W
1
When asserted the output from the selected SLICE will be
passed on to the MASTER alarm control if it is also turned on
then the alarm will be sent to the pad_alarm pin.
3
PAPA_ENA
R/W
0
Turns on the Power Amp Protection logic for path A.
2
PAPB_ENA
R/W
0
Turns on the Power Amp Protection logic for path B.
1
PAPC_ENA
R/W
0
Turns on the Power Amp Protection logic for path C.
0
PAPD_ENA
R/W
0
Turns on the Power Amp Protection logic for path D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com