Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 97 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 93Page - Texas Instruments DAC38RF80 Datasheet HTML 94Page - Texas Instruments DAC38RF80 Datasheet HTML 95Page - Texas Instruments DAC38RF80 Datasheet HTML 96Page - Texas Instruments DAC38RF80 Datasheet HTML 97Page - Texas Instruments DAC38RF80 Datasheet HTML 98Page - Texas Instruments DAC38RF80 Datasheet HTML 99Page - Texas Instruments DAC38RF80 Datasheet HTML 100Page - Texas Instruments DAC38RF80 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 155 page
background image
97
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.5.22 Output Summation and Delay Register (address = 0x19) [reset = 0x0000]
Figure 99. Output Summation and Delay Register (OUTSUM)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
x
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
0
0
0
1
1
0
0
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 64. OUTSUM Field Descriptions
Bit
Field
Type
Reset
Description
15:12
OUTPUT_DELAY
R/W
0x0
Delays the output to the DAC 0 to 15 clock cycles
11:4
Reserved
R/W
0x00
Reserved
3:0
OUTSUM_SEL
R/W
0x0
Selects the output summing functions. Each bit selects another
sample to sum. Multiple bits can be selected.
bit 0 = add the path AB sample
bit 1 = add the path CD sample
bit 2 = add adjacent DAC path AB sample
bit 3 = add adjacent DAC path CD sample
8.5.23 NCO Phase Path AB Register (address = 0x1C) [reset = 0x0000]
Figure 100. NCO Phase Path AB Register (PHASE_NCOAB)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
x
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
0
0
0
1
1
1
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 65. PHASE_NCOAB Field Descriptions
Bit
Field
Type
Reset
Description
15:0
PHASE_NCO1
Auto
Sync
0x0000
The phase offset for the FULL NCO1 in the AB datapath.
8.5.24 NCO Phase Path CD Register (address = 0x1D) [reset = 0x0000]
Figure 101. NCO Phase Path CD Register (PHASE_NCOCD)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
0
0
0
1
1
1
0
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 66. PHASE_NCOCD Field Descriptions
Bit
Field
Type
Reset
Description
15:0
PHASE_NCO12
Auto
Sync
0x0000
The phase offset for the FULL NCO2 in the CD datapath.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com