Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 76 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 72Page - Texas Instruments DAC38RF80 Datasheet HTML 73Page - Texas Instruments DAC38RF80 Datasheet HTML 74Page - Texas Instruments DAC38RF80 Datasheet HTML 75Page - Texas Instruments DAC38RF80 Datasheet HTML 76Page - Texas Instruments DAC38RF80 Datasheet HTML 77Page - Texas Instruments DAC38RF80 Datasheet HTML 78Page - Texas Instruments DAC38RF80 Datasheet HTML 79Page - Texas Instruments DAC38RF80 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 155 page
background image
Fmax
min
PFD CP
Fvco
Fixed
div x Mdiv
_
/
_
y N
PFD
and
charge pump
Output
buffer
y 4
y M
DAC
CLK
Feedback
High VCO
Low VCO
PLL_N(4-0)
PLL_M(7-0)
76
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 74. Internal PLL/VCO Block Diagram
The low VCO is tuned to a target center frequency of 5.9 GHz, and the high VCO is tuned to a target center
frequency of 8.85 GHz. The VCO is selected through field PLL_VCOSEL in register PLL_CONFIG2 (8.5.81), with
‘0’ selecting the low VCO and a ‘1’ the high VCO. The 7 bit VCO tuning code in field PLL_VCO in register
PLL_CONFIG2 (8.5.81) is used to tune the VCO frequency in the range of 5.24 GHz to 6.72 GHz for low VCO
and 7.96 GHz to 9.0 GHz for the high VCO. For the low VCO the center VCO frequency is achieved with
PLL_VCO = 63decimal and for the high VCO the target VCO center frequency is achieved with PLL_VCO =
63decimal.
The supply current, and therefore; the analog signal amplitude in the VCO is controlled using the field
PLL_VCO_RDAC in register PLL_CONFIG1 (8.5.80). This control signal should be set 15decimal initially for 18 mA
supply current in the VCO and ~1.4 VPP single ended oscillation amplitude.
The PLL has no prescaler, so the DAC sample rate is the VCO frequency. In the PLL feedback path a fixed ÷ 4
frequency divider block receives the VCO output clock and divides its frequency by 4. The maximum operating
frequency of the phase-frequency detector (PFD) is approximately 550 MHz. The M (feedback) clock divider
takes the output clock signal from the fixed ÷4 block and divides it by a programmable ratio set by the 8-bit field
in field PLL_M_M1 in register PLL_CONFIG1 (8.5.80). The programmable division ratio range is ÷1 to ÷256, and
is the value of the 8 bit unsigned binary code + 1. Although it is possible to program the M divider to ÷1, ÷2 and
÷3, these values should not be used. As stated previously the PFD and CP have a finite maximum operating
frequency, which is the VCO frequency divided by the fixed divider ratio multiplied by the minimum allowable M
divider ratio.
(18)
The N (reference) divider determines the ratio between the input reference clock frequency and the PFD
operating frequency, and is set by the 5-bit field PLL_N_M1 in register CLK_PLL_CFG (8.5.79). The division ratio
range is ÷1 to ÷32, and is the value of the 5-bit unsigned binary code + 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com