Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 91 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 87Page - Texas Instruments DAC38RF80 Datasheet HTML 88Page - Texas Instruments DAC38RF80 Datasheet HTML 89Page - Texas Instruments DAC38RF80 Datasheet HTML 90Page - Texas Instruments DAC38RF80 Datasheet HTML 91Page - Texas Instruments DAC38RF80 Datasheet HTML 92Page - Texas Instruments DAC38RF80 Datasheet HTML 93Page - Texas Instruments DAC38RF80 Datasheet HTML 94Page - Texas Instruments DAC38RF80 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 155 page
background image
91
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.5.14 Multi-DUC Configuration (Mixers) Register (address = 0x0C) [reset = 0x2402]
Figure 91. Multi-DUC Configuration (Mixers) Register (MULTIDUC_CFG2)
15
14
13
12
11
10
9
8
0
0
0
0
0
1
0
x
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
0
0
0
0
1
1
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 56. MULTIDUC_CFG2 Field Descriptions
Bit
Field
Type
Reset
Description
15:14
DAC_BITWIDTH
R/W
0b00
Determines the bit width of the data going to the DAC
00: 14 bits
01: 14 bits
10: 12 bits
11: 11 bits
13
ZERO_INVLD_DATA
R/W
1
When asserted; the data from the JESD block is zeroed in the
mapper to prevent goofy output from the DAC. For test purposes
this bit should be desasserted
12
SHORTTEST_ENA
R/W
0
Turns on the JESD SHORT pattern test (5.1.6.2)
11
Reserved
R/W
0
Reserved
10
Reserved
R/W
1
Reserved
9
MIXERAB_ENA
R/W
0
Turns on the mixer for the A and B streams
8
MIXERCD_ENA
R/W
0
Turns on the mixer for the C and D streams
7
MIXERAB_GAIN
R/W
0
Adds 6dB of gain when asserted
6
MIXERCD_GAIN
R/W
0
Adds 6dB of gain when asserted
5
NCOAB_ENA
R/W
0
When high the full NCO block is turned on.
4
NCOCD_ENA
R/W
0
When high the full NCO block is turned on.
3:2
Reserved
R/W
00
Reserved
1
TWOS
R/W
1
When asserted the chip is expecting 2's complement data is
arriving through the JESD; otherwise offset binary is expected
0
Reserved
R/W
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com