Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 66 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 62Page - Texas Instruments DAC38RF80 Datasheet HTML 63Page - Texas Instruments DAC38RF80 Datasheet HTML 64Page - Texas Instruments DAC38RF80 Datasheet HTML 65Page - Texas Instruments DAC38RF80 Datasheet HTML 66Page - Texas Instruments DAC38RF80 Datasheet HTML 67Page - Texas Instruments DAC38RF80 Datasheet HTML 68Page - Texas Instruments DAC38RF80 Datasheet HTML 69Page - Texas Instruments DAC38RF80 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 155 page
background image
^
`
MIXERCD GAIN
CD
INPUTCD
NCOCD
CD
INPUTCD
NCOCD
CD
Output
I
cos
ŒI
W
/
4
VLQ
ŒI
W
/
_
1
2
2
2
u
u
u
^
`
MIXERAB GAIN
AB
INPUTAB
NCOAB
AB
INPUTAB
NCOAB
AB
Output
I
cos
ŒI
W
/
4
VLQ
ŒI
W
/
_
1
2
2
2
u
u
u
AB or CD
/
Œ
16
_
2
2
u
PHASE
NCOAB or CD
NCOAB or CD
f
48
_
2
u DAC
FREQ NCOAB or CD
f
Frequency
Register
48
Accumulator
48
RESET
CLK
FDAC
NCO SYNC
via
syncsel_NCO(3:0)
48
48
Phase
Register
16
16
16
Look Up
Table
16
16
sin
cos
66
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.3.17.4 Digital Quadrature Modulator
Each DUC in the DAC38RFxx has digital quadrature modulator (DQM) blocks with independent Numerically
Controlled Oscillators (NCO) that converts the complex input signal to a real signal with flexible frequency
placement between 0 and fDAC/2. The NCOs are enabled by fields NCOAB_ENA and NCOCD_ENA in register
MULTIDUC_CFG2 (8.5.14). The NCOs have 48-bit frequency registers (FREQ_NCOAB (8.5.25) and
FREQ_NCOCD (8.5.26)) and 16-bit phase registers (PHASE_NCOAB (8.5.23) and PHASE_NCOCD (8.5.24))
that generate the sine and cosine terms for the complex mixing. The NCO block diagram is shown in Figure 66.
Figure 66. NCO Block Diagram
Synchronization of the NCOs occurs by resetting the NCO accumulators to zero. The synchronization source is
selected by fields SYNCSEL_NCOAB and SYNCSEL_NCOCD in register SYNCSEL1 (8.5.29). The frequency
word in the FREQ_NCOAB and FREQ_NCOCD registers are added to the accumulators every clock cycle, fDAC.
The frequency and phase offset of the NCOs are:
(1)
(2)
Treating the complex channels as complex vectors of the form I + j Q, the output of the DQM is:
(3)
(4)
Where t is the time since the last resetting of the NCO accumulator and the fields MIXERAB_GAIN and
MIXERCD_GAIN in register MULTIDUC_CFG2 (8.5.13) are either 0 or 1.
The maximum output amplitude of the DQM occurs if IIN(t) and QIN(t) are simultaneously full scale amplitude and
the sine and cosine arguments are equal to an integer multiple of π/4.
With MIXERAB_GAIN or MIXERCD_GAIN = 0, the gain through the DQM is sqrt(2)/2 or -3 dB. This loss in signal
power is in most cases undesirable, and it is recommended that the gain function be used to increase the signal
by 3 dB to compensate. With MIXERAB_GAIN or MIXERCD_GAIN = 1, the gain through the DQM is sqrt(2) or
+3 dB, which can cause clipping of the signal if IIN(t) and QIN(t) are simultaneously near full scale amplitude and
should therefore be used with caution.
8.3.17.5 Low Power Coarse Resolution Mixing Modes
In addition to the NCO the DAC38RFxx also has a coarse mixer block capable of shifting the input signal
spectrum by the fixed mixing frequencies ±N x fDAC/8. Using the coarse mixer instead of the full mixers will result
in lower power consumption.
Treating the two complex channels as complex vectors of the form I(t) + j Q(t), the outputs of the coarse mixer is
equivalent to:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com