Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 75 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 71Page - Texas Instruments DAC38RF80 Datasheet HTML 72Page - Texas Instruments DAC38RF80 Datasheet HTML 73Page - Texas Instruments DAC38RF80 Datasheet HTML 74Page - Texas Instruments DAC38RF80 Datasheet HTML 75Page - Texas Instruments DAC38RF80 Datasheet HTML 76Page - Texas Instruments DAC38RF80 Datasheet HTML 77Page - Texas Instruments DAC38RF80 Datasheet HTML 78Page - Texas Instruments DAC38RF80 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 155 page
background image
50 :
RLOAD
VOUT1/2
75
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.3.30 DAC Transfer Function for DAC38RF80/90/84
The DAC38RF80/90/84 has a wide bandwidth integrated balun (nominally 700 MHz to 3.8 GHz passband) to
convert the DAC core differential signal to a single ended signal. The single ended output is expected to drive a
50-Ω load (see Figure 73). With full-scale current of 40 mA, the theoretical output power delivered to a 50-Ω load
is 4 dBm. However the actual power delivered will be less than the theoretical value and Figure 38 shows the
output power across frequency.
Figure 73. Driving a 50-Ω Load (DAC38RF80/90/84)
8.4 Device Functional Modes
8.4.1 Clocking Modes
The DAC38RFxx has both a single ended clock input DACCLKSE and a differential clock input DACCLK+/- to
clock the device. The clock input is selected by field SEL_EXTCLK_DIFFSE in register CLK_PLL_CFG (8.5.79).
The DAC38RFxx can be clocked directly with a high frequency input clock at the DAC sample rate (PLL Bypass
Mode), or an optional on-chip low-jitter phase-locked loop (PLL) can be used to generate the high frequency
DAC sample clock internally from a lower frequency reference clock input (PLL Mode).
8.4.2 PLL Bypass Mode Programming
In PLL bypass mode a high quality clock is sourced to the DACCLK inputs. This clock is used to directly clock
the DAC38RFxx DAC cores. This mode gives the device best performance and is recommended for extremely
demanding applications.
The bypass mode is selected by setting the following:
1. Set field PLL_ENA in register CLK_PLL_CFG (8.5.79) to “0” to bypass the PLL circuitry.
2. Set field PLL_SLEEP in register SLEEP_CONFIG (8.5.70) to “1” to put the PLL and VCO into sleep mode.
8.4.3 Internal PLL/VCO
The DAC38RFxx has an internal clock generation circuit consisting of a PLL and two selectable VCOs, as shown
in Figure 74.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com