Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 102 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 98Page - Texas Instruments DAC38RF80 Datasheet HTML 99Page - Texas Instruments DAC38RF80 Datasheet HTML 100Page - Texas Instruments DAC38RF80 Datasheet HTML 101Page - Texas Instruments DAC38RF80 Datasheet HTML 102Page - Texas Instruments DAC38RF80 Datasheet HTML 103Page - Texas Instruments DAC38RF80 Datasheet HTML 104Page - Texas Instruments DAC38RF80 Datasheet HTML 105Page - Texas Instruments DAC38RF80 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 155 page
background image
102
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.5.30 Sync Source Control 2 Register (address = 0x28) [reset = 0x0000]
Figure 107. Sync Source Control 2 Register (SYNCSEL2)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
x
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
0
0
1
0
1
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 72. SYNCSEL2 Field Descriptions
Bit
Field
Type
Reset
Description
15:12
Reserved
R/W
0x0
Reserved
11:8
SYNCSEL_PAPAB
R/W
0x0
Select the sync for the PAP A and B.
bit 0 = ‘0’
bit 1 = sysref
bit 2 = sync_out from JESD
bit 3 = mem_spi_sync
7:4
SYNCSEL_PAPCD
R/W
0x0
Select the sync for the PAP C and D.
bit 0 = ‘0’
bit 1 = sysref
bit 2 = sync_out from JESD
bit 3 = mem_spi_sync
3:2
Reserved
R/W
0b00
Reserved
1
SPI_SYNC
R/W
0
This is used to generate the SPI_SYNC signal
0
Reserved
R/W
0
Reserved
8.5.31 PAP path AB Gain Attenuation Step Register (address = 0x29) [reset = 0x0000]
Figure 108. PAP path AB Gain Attenuation Step Register (PAP_GAIN_AB)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
x
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
0
0
1
0
1
0
0
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 73. PAP_GAIN_AB Field Descriptions
Bit
Field
Type
Reset
Description
15:10
NOT USED
RW
000000
Not Used
9:0
PAPAB_GAIN_STEP
0x000
Gain attenuation step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com