Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 144 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 144 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 140Page - Texas Instruments PCI7510 Datasheet HTML 141Page - Texas Instruments PCI7510 Datasheet HTML 142Page - Texas Instruments PCI7510 Datasheet HTML 143Page - Texas Instruments PCI7510 Datasheet HTML 144Page - Texas Instruments PCI7510 Datasheet HTML 145Page - Texas Instruments PCI7510 Datasheet HTML 146Page - Texas Instruments PCI7510 Datasheet HTML 147Page - Texas Instruments PCI7510 Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 234 page
background image
7–3
7.3
Command Register
The command register provides control over the PCI7510 interface to the PCI bus. All bit functions adhere to the
definitions in the PCI Local Bus Specification, as seen in the following bit descriptions. See Table 7–2 for a complete
description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Command
Type
R
R
R
R
R
RW
R
RW
R
RW
R
RW
R
RW
RW
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Command
Offset:
04h
Type:
Read/Write, Read-only
Default:
0000h
Table 7–2. Command Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15–11
RSVD
R
Reserved. Bits 15–10 return 0s when read.
10
INT_DISABLE
RW
INTx disable. When set to 1, this bit disables the function from asserting interrupts on the INTx signals.
0 = INTx assertion is enabled (default)
1 = INTx assertion is disabled
This bit is disabled (read-only 0) if bit 11 (PCI2_3_EN) in the PCI miscellaneous configuration
register (see Section 7.23) is 0.
9
FBB_ENB
R
Fast back-to-back enable. The PCI7510 device does not generate fast back-to-back transactions;
therefore, bit 9 returns 0 when read.
8
SERR_ENB
RW
SERR enable. When bit 8 is set to 1, the PCI7510 SERR driver is enabled. SERR can be asserted after
detecting an address parity error on the PCI bus.
7
RSVD
R
Reserved. Bit 7 returns 0 when read.
6
PERR_ENB
RW
Parity error enable. When bit 6 is set to 1, the PCI7510 device is enabled to drive PERR response to
parity errors through the PERR signal.
5
VGA_ENB
R
VGA palette snoop enable. The PCI7510 device does not feature VGA palette snooping; therefore,
bit 5 returns 0 when read.
4
MWI_ENB
RW
Memory write and invalidate enable. When bit 4 is set to 1, the PCI7510 device is enabled to generate
MWI PCI bus commands. If this bit is cleared, then the PCI7510 device generates memory write
commands instead.
3
SPECIAL
R
Special cycle enable. The PCI7510 function does not respond to special cycle transactions; therefore,
bit 3 returns 0 when read.
2
MASTER_ENB
RW
Bus master enable. When bit 2 is set to 1, the PCI7510 device is enabled to initiate cycles on the PCI
bus.
1
MEMORY_ENB
RW
Memory response enable. Setting bit 1 to 1 enables the PCI7510 device to respond to memory cycles
on the PCI bus. This bit must be set to access OHCI registers.
0
IO_ENB
R
I/O space enable. The PCI7510 device does not implement any I/O-mapped functionality; therefore,
bit 0 returns 0 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com