Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 207 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 207 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 203Page - Texas Instruments PCI7510 Datasheet HTML 204Page - Texas Instruments PCI7510 Datasheet HTML 205Page - Texas Instruments PCI7510 Datasheet HTML 206Page - Texas Instruments PCI7510 Datasheet HTML 207Page - Texas Instruments PCI7510 Datasheet HTML 208Page - Texas Instruments PCI7510 Datasheet HTML 209Page - Texas Instruments PCI7510 Datasheet HTML 210Page - Texas Instruments PCI7510 Datasheet HTML 211Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 234 page
background image
9–4
9.4
Link Enhancement Register
This register is a memory-mapped set/clear register that is an alias of the link enhancement control register at PCI
offset F4h. These bits may be initialized by software. Some of the bits may also be initialized by a serial EEPROM,
if one is present, as noted in the bit descriptions below. If the bits are to be initialized by software, then the bits must
be initialized prior to setting bit 19 (LPS) in the host controller control register at OHCI offset 50h/54h (see
Section 8.16). See Table 9–3 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Link enhancement
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Link enhancement
Type
RSC
R
RSC
RSC
R
RSC
R
RSC
RSC
R
R
R
R
R
RSC
R
Default
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Link enhancement
Offset:
A88h
set register
A8Ch
clear register
Type:
Read/Set/Clear, Read-only
Default:
0000 0000h
Table 9–3. Link Enhancement Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31–16
RSVD
R
Reserved. Bits 31–16 return 0s when read.
15
dis_at_pipeline
RSC
Disable AT pipelining. When bit 15 is set to 1, out-of-order AT pipelining is disabled.
14
RSVD
R
Reserved.
13–12
atx_thresh
RSC
This field sets the initial AT threshold value, which is used until the AT FIFO is underrun. When the
PCI7510 device retries the packet, it uses a 2K-byte threshold, resulting in a store-and-forward
operation.
00 = Threshold ~ 2K bytes resulting in a store-and-forward operation
01 = Threshold ~ 1.7K bytes (default)
10 = Threshold ~ 1K bytes
11 = Threshold ~ 512 bytes
These bits fine-tune the asynchronous transmit threshold. For most applications the 1.7K-byte
threshold is optimal. Changing this value may increase or decrease the 1394 latency depending on
the average PCI bus latency.
Setting the AT threshold to 1.7K, 1K, or 512 bytes results in data being transmitted at these thresholds
or when an entire packet has been checked into the FIFO. If the packet to be transmitted is larger
than the AT threshold, then the remaining data must be received before the AT FIFO is emptied;
otherwise, an underrun condition occurs, resulting in a packet error at the receiving node. As a result,
the link then commences store-and-forward operation. Wait until it has the complete packet in the
FIFO before retransmitting it on the second attempt, to ensure delivery.
An AT threshold of 2K results in store-and-forward operation, which means that asynchronous data
will not be transmitted until an end-of-packet token is received. Restated, setting the AT threshold
to 2K results in only complete packets being transmitted.
Note that this device always uses store-and-forward when the asynchronous transmit retries register
at OHCI offset 08h (see Section 8.3) is cleared.
11
RSVD
R
Reserved. Bit 11 returns 0 when read.
10
enab_mpeg_ts
RSC
Enable MPEG timestamp enhancements. When bit 10 is set to 1, the enhancement is enabled for
MPEG transmit streams (FMT = 20h).
9
RSVD
R
Reserved. Bit 9 returns 0 when read.
8
enab_dv_ts
RSC
Enable DV CIP timestamp enhancement. When bit 8 is set to 1, the enhancement is enabled for DV
CIP transmit streams (FMT = 00h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com