Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 203 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 203 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 199Page - Texas Instruments PCI7510 Datasheet HTML 200Page - Texas Instruments PCI7510 Datasheet HTML 201Page - Texas Instruments PCI7510 Datasheet HTML 202Page - Texas Instruments PCI7510 Datasheet HTML 203Page - Texas Instruments PCI7510 Datasheet HTML 204Page - Texas Instruments PCI7510 Datasheet HTML 205Page - Texas Instruments PCI7510 Datasheet HTML 206Page - Texas Instruments PCI7510 Datasheet HTML 207Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 234 page
background image
8–44
8.46 Isochronous Receive Context Match Register
The isochronous receive context match register starts an isochronous receive context running on a specified cycle
number, filters incoming isochronous packets based on tag values, and waits for packets with a specified sync value.
The n value in the following register addresses indicates the context number (n = 0, 1, 2, 3). See Table 8–35 for a
complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Isochronous receive context match
Type
RW
RW
RW
RW
R
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
X
X
X
X
0
0
0
X
X
X
X
X
X
X
X
X
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Isochronous receive context match
Type
RW
RW
RW
RW
RW
RW
RW
RW
R
RW
RW
RW
RW
RW
RW
RW
Default
X
X
X
X
X
X
X
X
0
X
X
X
X
X
X
X
Register:
Isochronous receive context match
Offset:
410Ch + (32 * n)
Type:
Read/Write, Read-only
Default:
XXXX XXXXh
Table 8–35. Isochronous Receive Context Match Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31
tag3
RW
If bit 31 is set to 1, this context matches on isochronous receive packets with a tag field of 11b.
30
tag2
RW
If bit 30 is set to 1, this context matches on isochronous receive packets with a tag field of 10b.
29
tag1
RW
If bit 29 is set to 1, this context matches on isochronous receive packets with a tag field of 01b.
28
tag0
RW
If bit 28 is set to 1, this context matches on isochronous receive packets with a tag field of 00b.
27
RSVD
R
Reserved. Bit 27 returns 0 when read.
26–12
cycleMatch
RW
This field contains a 15-bit value corresponding to the two low-order bits of cycleSeconds and the 13-bit
cycleCount field in the cycleStart packet. If cycleMatchEnable (bit 29) in the isochronous receive
context control register (see Section 8.44) is set to 1, then this context is enabled for receives when
the two low-order bits of the isochronous cycle timer register at OHCI offset F0h (see Section 8.34)
cycleSeconds field (bits 31–25) and cycleCount field (bits 24–12) value equal this field (cycleMatch)
value.
11–8
sync
RW
This 4-bit field is compared to the sync field of each isochronous packet for this channel when the
command descriptor w field is set to 11b.
7
RSVD
R
Reserved. Bit 7 returns 0 when read.
6
tag1SyncFilter
RW
If bit 6 and bit 29 (tag1) are set to 1, then packets with tag 01b are accepted into the context if the two
most significant bits of the packet sync field are 00b. Packets with tag values other than 01b are filtered
according to bit 28 (tag0), bit 30 (tag2), and bit 31 (tag3) without any additional restrictions.
If this bit is cleared, then this context matches on isochronous receive packets as specified in
bits 28–31 (tag0–tag3) with no additional restrictions.
5–0
channelNumber
RW
This 6-bit field indicates the isochronous channel number for which this isochronous receive DMA
context accepts packets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com