Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 200 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 200 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 196Page - Texas Instruments PCI7510 Datasheet HTML 197Page - Texas Instruments PCI7510 Datasheet HTML 198Page - Texas Instruments PCI7510 Datasheet HTML 199Page - Texas Instruments PCI7510 Datasheet HTML 200Page - Texas Instruments PCI7510 Datasheet HTML 201Page - Texas Instruments PCI7510 Datasheet HTML 202Page - Texas Instruments PCI7510 Datasheet HTML 203Page - Texas Instruments PCI7510 Datasheet HTML 204Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 234 page
background image
8–41
8.43 Isochronous Transmit Context Command Pointer Register
The isochronous transmit context command pointer register contains a pointer to the address of the first descriptor
block that the PCI7510 device accesses when software enables an isochronous transmit context by setting bit 15
(run) in the isochronous transmit context control register (see Section 8.42) to 1. The isochronous transmit DMA
context command pointer can be read when a context is active. The n value in the following register addresses
indicates the context number (n = 0, 1, 2, 3,
…, 7).
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Isochronous transmit context command pointer
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Isochronous transmit context command pointer
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Register:
Isochronous transmit context command pointer
Offset:
20Ch + (16 * n)
Type:
Read-only
Default:
XXXX XXXXh
8.44 Isochronous Receive Context Control Register
The isochronous receive context control set/clear register controls options, state, and status for the isochronous
receive DMA contexts. The n value in the following register addresses indicates the context number (n = 0, 1, 2, 3).
See Table 8–34 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Isochronous receive context control
Type
RSC
RSC
RSCU
RSC
RSC
R
R
R
R
R
R
R
R
R
R
R
Default
X
X
X
X
X
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Isochronous receive context control
Type
RSCU
R
R
RSU
RU
RU
R
R
RU
RU
RU
RU
RU
RU
RU
RU
Default
0
0
0
X
0
0
0
0
X
X
X
X
X
X
X
X
Register:
Isochronous receive context control
Offset:
400h + (32 * n)
set register
404h + (32 * n)
clear register
Type:
Read/Set/Clear/Update, Read/Set/Clear, Read/Set/Update, Read/Update, Read-only
Default:
XX00 X0XXh
Table 8–34. Isochronous Receive Context Control Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31
bufferFill
RSC
When bit 31 is set to 1, received packets are placed back-to-back to completely fill each receive
buffer. When this bit is cleared, each received packet is placed in a single buffer. If bit 28
(multiChanMode) is set to 1, then this bit must also be set to 1. The value of this bit must not be
changed while bit 10 (active) or bit 15 (run) is set to 1.
30
isochHeader
RSC
When bit 30 is set to 1, received isochronous packets include the complete 4-byte isochronous
packet header seen by the link layer. The end of the packet is marked with a xferStatus in the first
doublet, and a 16-bit timeStamp indicating the time of the most recently received (or sent) cycleStart
packet.
When this bit is cleared, the packet header is stripped from received isochronous packets. The
packet header, if received, immediately precedes the packet payload. The value of this bit must not
be changed while bit 10 (active) or bit 15 (run) is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com