Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 66 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 66 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 62Page - Intel Corporation SCD1283 Datasheet HTML 63Page - Intel Corporation SCD1283 Datasheet HTML 64Page - Intel Corporation SCD1283 Datasheet HTML 65Page - Intel Corporation SCD1283 Datasheet HTML 66Page - Intel Corporation SCD1283 Datasheet HTML 67Page - Intel Corporation SCD1283 Datasheet HTML 68Page - Intel Corporation SCD1283 Datasheet HTML 69Page - Intel Corporation SCD1283 Datasheet HTML 70Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
66
Datasheet
7.3.15
Run-Length Count Register
This register works with PFHR1 and PFHR2 to perform run-length encoding/decoding when the
RLEen bit (PFCR[3]) is set (the parallel port must be in ECP mode; in other modes, run-length
encoding will not occur).
In the transmit direction, strings of three or more identical characters are recognized and
compressed. The running count of identical characters is kept in the RLCR. Once the sequence is
broken by a different character or the end of the transmit burst transfer, the count and a single copy
of the duplicated character are put in the FIFO.
In the receive direction, run-length codes can be received from the remote device. These codes are
recognized ‘on the fly’ as data flows from the FIFO through the Holding register pipeline. A run-
length code is diverted to the RLCR. The subsequent character from the FIFO is duplicated (held in
PFHR1) while the RLCR is decremented. Once the RLCR reaches zero, normal pipeline data
movement is resumed. If run-length codes are being received by the parallel port but RLEen is not
set, the codes will enter PFHR1 and PFHR2 as tagged data and cause interrupts to the host. The
host must directly read the tagged Holding register to remove the character from the pipeline and
clear the tag.
7.3.16
Stale Data Timer Count Register
This register determines the period used to signal stale data in the FIFO. The timer is used only in
the receive direction. Each time a new character is placed in the FIFO from the parallel port, the
SDTCR is reloaded from the SDTPR and down-counting begins at the tick rate. If the counter
reaches zero, the Stale bit (PFSR[2]) is set. If the amount of data available is greater than or equal
to one word, a DMA request is made to move all remaining whole words to the host by DMA
transfer. Once the DMA transfer is complete, a single remaining character causes an interrupt to the
host to remove the character by reading PFHR2.
This register is cleared by device or FIFO reset. Clearing it manually causes the Stale bit to be true.
Register Name: RLCR
Register Description: Run-Length Count
Access: R/W
8-Bit Hex Address: 37
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
7-Bit Unsigned Binary Count
Register Name: SDTCR
Register Description: Stale Data Timer Count
Access: R/W
8-Bit Hex Address: 3D
Default Value: 00
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
8-Bit Stale Data Timer Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com