Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 54 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 54 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 50Page - Intel Corporation SCD1283 Datasheet HTML 51Page - Intel Corporation SCD1283 Datasheet HTML 52Page - Intel Corporation SCD1283 Datasheet HTML 53Page - Intel Corporation SCD1283 Datasheet HTML 54Page - Intel Corporation SCD1283 Datasheet HTML 55Page - Intel Corporation SCD1283 Datasheet HTML 56Page - Intel Corporation SCD1283 Datasheet HTML 57Page - Intel Corporation SCD1283 Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
54
Datasheet
7.1.3
General-Purpose I/O Direction Register
7.1.4
General-Purpose I/O Register
The GPDIR and GPIO registers enable access and control of the General-Purpose I/O port. The
General-Purpose I/O port provides a byte-wide general purpose set of signals that are individually
direction programmable.
The GPIO register accesses the data port on pins 53–60 (G[7:0]) with Data0 accessing GP[0], and
so on. The corresponding bit in the GPDIR controls the direction of the associated signal; a logic
‘1’ programs the signal as output, and a logic ‘0’ programs it as input.
When writing to the GPIO register, ‘1’s and ‘0’s are reflected in their true states on the pins that are
programmed as outputs. When reading from the GPIO register, bits programmed as inputs reflect
the true state of the signal condition on those bits; bits programmed as output will reflect the
previously set state.
7.1.5
Parallel Interrupt Register
The PIR indicates the source of service requests being presented by the parallel channel, either
from the parallel port or from the pipeline.
Register Name: GPDIR
Register Description: General-Purpose I/O Direction
Access: R/W
8-Bit Hex Address: 71
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Dir7
Dir6
Dir5
Dir4
Dir3
Dir2
Dir1
Dir0
Register Name: GPIO
Register Description: General-Purpose I/O
Access: R/W
8-Bit Hex Address: 70
Default Value: 00
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
Data7
Data6
Data5
Data4
Data3
Data2
Data1
Data0
Register Name: PIR
Register Description: Parallel Interrupt
Access: R/W
8-Bit Hex Address: 61
Default Value: 00
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
PPireq
PPort
Pipeline
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com