Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 25 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 25 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 21Page - Intel Corporation SCD1283 Datasheet HTML 22Page - Intel Corporation SCD1283 Datasheet HTML 23Page - Intel Corporation SCD1283 Datasheet HTML 24Page - Intel Corporation SCD1283 Datasheet HTML 25Page - Intel Corporation SCD1283 Datasheet HTML 26Page - Intel Corporation SCD1283 Datasheet HTML 27Page - Intel Corporation SCD1283 Datasheet HTML 28Page - Intel Corporation SCD1283 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
25
FIFO has less than 2 bytes remaining (reverse direction). In the forward direction, the DMA
controller logic responds by placing data on the 16-bit data bus and driving the DMAACK* input
low. This cycle is repeated until the FIFO has less than two empty byte locations remaining or there
is no more data to send. In the reverse direction, the CD1283 responds to the active DMAACK*
signal by driving the contents of the DMABUF register onto the data bus.
Odd-byte transfers in the reverse direction are handled on an interrupt basis. When the number of
bytes in the FIFO is odd, all bytes except the last are transferred through a number of 16-bit DMA
cycles (two bytes per cycle). The odd byte remaining is held in PFHR1 and an interrupt generated
when the stale data timer expires. Status indicating that PFHR1 contains data is indicated in the
PFSR. The CPU interrupt service routine must manually remove the remaining byte from the
interface. In the forward direction, an odd remaining byte can be directly written to the PFHR1
once the last DMA cycle is complete.
One additional input signal determines the endian format (whether the least-significant byte is on
data bits 7:0 or 15:8) of the 16-bit DMA buffer. BYTESWAP selects whether the lower or upper
byte of the DMA buffer moves into the FIFO data pipeline first in the forward direction, or from the
FIFO data pipeline to the DMA buffer first in the reverse direction. If BYTESWAP is low, then the
least-significant byte (DB[7:0]) immediately moves into or out of the data pipeline. If BYTESWAP
is high, the opposite occurs (DB[15:8] move into or out of the pipeline first).
The effective duration of the DMA transfer block (burst) is determined by the threshold value in the
PFTR. Regardless of where the port is moving data when this threshold is reached (exceeded in
receive; less than in transmit), a DMA cycle begins and remains active until the FIFO has less than
2 bytes remaining (receive) or has less than two empty byte locations remaining (transmit).
The SVRR provides can determine if a DMA cycle is being requested. SVRR[7] is true if a DMA
cycle is currently being requested. This status indication is provided as a general system status.
Refer to Chapter 8.0 for detailed information on DMA cycle options and timing values.
5.2.5
Interrupts
The term interrupt is a generalized description of the method where the CD1283 gains the attention
of the CPU. Interrupt is used interchangeably with ‘service request’ as the two are the same
function. Interrupt often describes an unconditional response on the part of the CPU. Whether or
not this is the case, the source is still the same — a service request from the CD1283. The hardware
signal generated by the CD1283 (SVCREQP*) can be connected to the CPU interrupt input to start
an interrupt service routine. The service routine can then begin servicing the request from the
CD1283 by starting an acknowledge sequence.
5.2.6
DMAREQ* as Interrupt Source
Interrupts are not generated by FIFO threshold conditions; therefore, if the system design requires
data to move through interrupts, connect DMAREQ* directly to a CPU interrupt input or logically
OR it into the same CPU interrupt input as SVCREQP*. If DMAREQ* is used to generate
interrupts, the following are required:
1. A 16-bit data interface must be implemented to support 16-bit reads of the DMABUF register.
2. The DMA threshold value in the PFTR must be initialized.
3. The DMAREQ* remains active until the FIFO is nearly empty (Rx) or nearly full (Tx),
followed by the toggling of DMAen if data is moved to/from the FIFO through PIO (refer to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com