Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 67 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 67 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 63Page - Intel Corporation SCD1283 Datasheet HTML 64Page - Intel Corporation SCD1283 Datasheet HTML 65Page - Intel Corporation SCD1283 Datasheet HTML 66Page - Intel Corporation SCD1283 Datasheet HTML 67Page - Intel Corporation SCD1283 Datasheet HTML 68Page - Intel Corporation SCD1283 Datasheet HTML 69Page - Intel Corporation SCD1283 Datasheet HTML 70Page - Intel Corporation SCD1283 Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
67
7.3.17
Stale Data Timer Period Register
This register provides a user-defined period value for use as the timeout value of the stale data
timer (see SDTCR).
With a 25-MHz CLK input to the device, the resolution of this timer is 0.1 ms, its maximum value
is 25.5 ms. The 25-MHz clock is divided by 250 to produce a 10-
µs intermediate clock for this
timer. A fixed, divide-by-ten prescaler produces 0.1-ms ‘ticks’ to the stale data timer. The prescaler
is reset each time the stale data timer is reloaded to ensure accuracy for small time-out values. (A
user selection of a 0.1-ms timeout would result in a time delay of between 0.09 and 0.1 ms.)
The SDTPR is cleared by device reset.
7.4
Parallel Port Registers
7.4.1
EPP Address Register
This register is only used during EPP mode. The CD1283 deposits the value obtained during an
EPP address write command in this register. The CD1283 provides this value in response to an EPP
address read command.
7.4.2
Input Value Register
This register always shows the current state of the external handshake pins.
Register Name: SDTPR
Register Description: Stale Data Timer Period
Access: R/W
8-Bit Hex Address: 3C
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
8-Bit Stale Data Timeout Value
Register Name: EAR
Register Description: EPP Address
Access: R/W
8-Bit Hex Address: 25
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
8-Bit Binary Value
Register Name: IVR
Register Description: Input Value
Access: Read only
8-Bit Hex Address: 2E
Default Value: XX
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
A1284
nInit
HstBsy
HstClk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com