Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 16 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 16 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 12Page - Intel Corporation SCD1283 Datasheet HTML 13Page - Intel Corporation SCD1283 Datasheet HTML 14Page - Intel Corporation SCD1283 Datasheet HTML 15Page - Intel Corporation SCD1283 Datasheet HTML 16Page - Intel Corporation SCD1283 Datasheet HTML 17Page - Intel Corporation SCD1283 Datasheet HTML 18Page - Intel Corporation SCD1283 Datasheet HTML 19Page - Intel Corporation SCD1283 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
16
Datasheet
3.3
Pin Descriptions
Symbol
Pin No.
Type
Description (Sheet 1 of 3)
A[6:0]
84–90
I
ADDRESS BUS: Together with CS* or one of the SVCACK* inputs and DS*, this input
selects an on-chip register for a read or write operation or an acknowledgment to a
service request.
BYTESWAP
82
I
BYTESWAP: This input determines the byte order for 2-byte DMA transfers and for
writes to the DMABUF register.
If BYTESWAP is set to ‘1’, Data Bus bits 15:8 are driven with the byte transferred first
on the parallel port bus. Data Bus bits 7:0 are driven with the byte transferred second
on the parallel port bus. If BYTESWAP is set to ‘0’, the data order is reversed, bits 7:0
are driven with the first byte transferred, and bits 15:8 are driven with the second byte
transferred.
CLK
73
I
SYSTEM CLOCK: This input has a 25 MHz maximum; 16 MHz is the recommended
minimum for satisfactory device performance.
CLK/2
80
O
SYSTEM CLOCK DIVIDED BY TWO OUTPUT: This signal is equivalent to the internal
operating clock of the device.
CS*
78
I
ACTIVE-LOW CHIP SELECT: When active, the input CS* in conjunction with DS*,
initiates a I/O cycle with the CD1283. CS* must be set to ‘1’ during DMA read/write
operations.
DB[15:0]
92–99, 2–9I/O
BIDIRECTIONAL DATA BUS [15:0]: Only DMA transfers and writes to the DMA Buffer
register are true 16-bit operations. During all register writes other than to the DMA
Buffer register, only bits 7:0 are written to the addressed register. Register reads
duplicate the register contents on both the lower byte, bits 7:0, and upper byte, bits
15:8.
DS*
77
I
ACTIVE-LOW DATA STROBE: During an active I/O cycle, the input DS* strobes data
into on-chip registers on write cycles or enables data onto the data bus during read
cycles. DS* is ignored during DMA operations.
DTACK*
75
AR
ACTIVE-LOW DATA TRANSFER ACKNOWLEDGE: This output indicates: when the
device has completed the requested I/O operation, and when the cycle may finish. This
signal can be used to implement wait-state insertion for the local CPU. It is an Active
Release output, driving to logic ‘1’ then releasing to OD. DTACK* must be tied to
external VCC with a pull-up resistor. DTACK* is not activated on DMA cycles.
OUTEN
83
I
OUTPUT ENABLE: This pin must be set to ‘1’ to enable output pin functions. When
OUTEN is set to ‘0’, it forces all pins that can act as outputs to remain in a tristate
condition.
OUTEN is used as a test input and is not normally used in an end application. User
designs should tie this pin to VCC through a pull-up resistor.
RESET*
79
I
ACTIVE-LOW RESET INPUT: Initializes the device to the default condition. All internal
registers are set to their reset condition and all transfer operations are set to the default
state.
R/W*
76
I
READ/WRITE*: This pin must be set to ‘1’ for a register read operation and set to ‘0’
for a register write operation. This input is ignored for DMA operations.
DMAREQ*
13
O
ACTIVE-LOW DMA REQUEST: When the internal control bit DMAen is set, the output
DMAREQ* is asserted whenever internal FIFO conditions warrant a DMA transfer.
DMAREQ* is deasserted on the falling edge of DMAACK* when DMA transfers must
not continue past the current transfer.
DMAACK*
12
I
ACTIVE-LOW DMA ACKNOWLEDGE: This signal must never be asserted unless in
response to a DMAREQ* from the device. DMAACK* is the only bus handshake signal
recognized during a DMA transfer. (CS* must be high whenever DMAACK* is
asserted.) The direction of the DMA transfer is determined by the internal control bit
DMAdir.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com