Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 79 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 79 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 75Page - Intel Corporation SCD1283 Datasheet HTML 76Page - Intel Corporation SCD1283 Datasheet HTML 77Page - Intel Corporation SCD1283 Datasheet HTML 78Page - Intel Corporation SCD1283 Datasheet HTML 79Page - Intel Corporation SCD1283 Datasheet HTML 80Page - Intel Corporation SCD1283 Datasheet HTML 81Page - Intel Corporation SCD1283 Datasheet HTML 82Page - Intel Corporation SCD1283 Datasheet HTML 83Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
79
Note:
For synchronous systems, it is necessary to determine the clock cycle number so that interface
circuitry can stay in lock-step with the device. CLK numbers can be determined if RESET* is
released within the range ta–tb; ta is defined as 10 ns minimum, after the rising edge of the clock; tb
is defined as 5 ns minimum, before the next rising edge of the clock. If these conditions are met, the
cycle starting after the second rising edge will be C1. See the synchronous timing diagrams for
additional information. Clock numbers are not important in asynchronous systems.
The following timing numbers are for the back-to-back asynchronous DMA timing diagrams.
t25
23
Hold time, DMAACK* active (DMA read/write)
3 CLK
t26
23
Delay, data valid after falling edge DMAACK* (DMA read)
0.5 CLK
+ 20
1.5 CLK
+ 25
ns
t27
23
Hold time, data valid after rising edge DMAACK* (DMA read)
10
30
ns
t28
23
25
Inactive time, DMAACK* (DMA read/write)
10
ns
t29
23
25
Hold time, DMAREQ* rising edge after
DMAACK* falling edge (DMA read/write)
10
1 CLK
+ 15
ns
t30
25
Hold time, DMAACK* active (DMA write)
2.5 CLK
t31
25
Delay, data valid after falling edge DMAACK* (DMA write)
1.5 CLK
NOTES:
1. Timing numbers for RESET* and CLK are valid for both asynchronous and synchronous specifications. The device will
operate on any clock with a 40–60 or better duty cycle.
2. On host-I/O cycles, immediately following SVCACK* cycles and writes to EOSRR, DTACK* will be delayed by 20 CLKs (1 ms
@ 20 MHz; 800 ns @ 25 MHz). On systems that do not use DTACK* to signal the end of the I/O cycle, wait states or some
other form of delay generation must be used to assure that the CD1283 is not accessed until after this time period.
3. As TCLK increases, device performance decreases. A minimum clock frequency of 25 MHz is required to guarantee specified
performance. The recommended maximum TCLK is 1000 ns.
4. DTACK* sources current (drives ‘high’) until the voltage on the DTACK* line is approximately 1.5 V; then DTACK* goes to the
‘open-drain’ (high-impedance) state.
Figure 17. Reset Timing
Table 12. Asynchronous Timing Reference Parameters (Sheet 2 of 2)
Timing
No.
Figure
Parameter
MIN
MAX
Unit
t1
VCC
CLK
RESET*
ta
tb
C2
C1
C2
C1
C2
CLK/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com