Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 68 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 68 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 64Page - Intel Corporation SCD1283 Datasheet HTML 65Page - Intel Corporation SCD1283 Datasheet HTML 66Page - Intel Corporation SCD1283 Datasheet HTML 67Page - Intel Corporation SCD1283 Datasheet HTML 68Page - Intel Corporation SCD1283 Datasheet HTML 69Page - Intel Corporation SCD1283 Datasheet HTML 70Page - Intel Corporation SCD1283 Datasheet HTML 71Page - Intel Corporation SCD1283 Datasheet HTML 72Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
68
Datasheet
7.4.3
Manual Data Register
This read/write register can read the state of the PD[7:0] signals in any mode. If the ManMd bit
(PCR[7])is set along with the MMDir and ManOE bits (PCR[1:0]), then the value written into this
register is driven onto the PD[7:0] signals.
7.4.4
Negotiation Enable Register
Each bit set along with E1284 (PCR[6]) allows the CD1284 to engage in IEEE STD 1284
negotiations and move into the corresponding protocol. It is assumed that the peripheral host
software responds to a request for slave ID and is able to send an ID string in any protocol that it
supports. In response to an ID request, the CD1284 does not provide a method of storing and
automatically sending an ID string. Note that the EPP protocol does not have provision for slave ID
requests.
Bit
Description
7:4
These read-only bits are always ‘0’.
3
A1284
2
nInit: (active-low Init input)
1
HstBsy: (Host Busy)
0
HstClk: (Host Clock)
Register Name: MDR
Register Description: Manual Data
Access: R/W
8-Bit Hex Address: 21
Default Value: 00
Bit 7Bit 6Bit 5
Bit 4
Bit 3Bit 2Bit 1Bit 0
8-Bit Binary Data
Register Name: NER
Register Description: Negotiation Enable
Access: R/W
8-Bit Hex Address: 28
Default Value: 00
Bit 7Bit 6
Bit 5
Bit 4Bit 3Bit 2Bit 1Bit 0
0
RID
0
EPP
RLE
ECP
RVB
RVN
Bit
Description
7
Reserved: This read-only bit is always ‘0’.
6
Request Slave ID
5
Reserved: This bit must always be ‘0’.
4
EPP Mode Enable
3
Run Length Encoding in ECP Mode Enable
2
ECP Mode Enable
1
Reverse Byte Mode Enable
0
Reverse Nibble Mode Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com