Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 20 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 20 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 16Page - Intel Corporation SCD1283 Datasheet HTML 17Page - Intel Corporation SCD1283 Datasheet HTML 18Page - Intel Corporation SCD1283 Datasheet HTML 19Page - Intel Corporation SCD1283 Datasheet HTML 20Page - Intel Corporation SCD1283 Datasheet HTML 21Page - Intel Corporation SCD1283 Datasheet HTML 22Page - Intel Corporation SCD1283 Datasheet HTML 23Page - Intel Corporation SCD1283 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
20
Datasheet
Table 2.
Virtual Registers
Name
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
EOSRR
60
X †
XX
XXX
XX
56
PIVR
40
X
X
X
X
X
IT2
IT1
IT0
56
†
‘X’ indicates ‘don’t care’.
Table 3.
Parallel Pipeline Registers
Name
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
DER
33
DMAwrerr
DMArderr
Bufwrerr
Bufrderr
HR1wrerr
HR1rderr
HR2wrerr
HR2rderr
57
DMABUF
(High
byte)
30
15
14
13
12
11
10
9
8
58
DMABUF
(Low byte)
30
7
6
5
4
3
2
1
0
58
HRSR
34
HR1full
HR1tag
HR2full
HR2tag
DMAfull
DMAempty
DMAact
Ctnot0
58
HTVR
24
HTVR[7]
HTVR[6]
HTVR[5]
HTVR[4]
HTVR[3]
HTVR[2]
HTVR[1]
HTVR[0]
59
LIVR
18
User-Defined Bits
IT2
IT1
IT0
60
PACR
3F
ShrtTen
ShrtStal
StaleOff
FIFOlock
ClearTO
0
AsyncDM
A
0
61
PCRR
6C
0
0
0
0
0
0
0
PChReset
61
PFCR
31
FIFOres
DMAen
DMAdir
IntEn
RLEen
setTAG
ErrEn
DMAbufWe
62
PFEP
39
0
0
6-Bit Binary FIFO Pointer Value
63
PFFP
38
0
0
6-Bit Binary FIFO Pointer Value
63
PFHR1
35
8-Bit Character Data
63
PFHR2
36
8-Bit Character Data
63
PFQR
3A
Data or Space Available in FIFO — Max 0x40
64
PFSR
32
FFfull
FFempty
Timeout
HRtag
HRdata
Stale
OneChar
DataErr
64
PFTR
3B
0
DMA Transfer Threshold
65
RLCR
37
0
7-Bit Unsigned Binary Count
66
SDTCR
3D
8-Bit Stale Data Timer Count
66
SDTPR
3C
8-Bit Stale Data Timeout Value
67
Table 4.
Parallel Port Registers (Sheet 1 of 2)
Name
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
EAR
25
8-Bit Binary Value
67
IVR
2E
0
0
0
0
A1284
nInit
HstBsy
HstClk
67
MDR
21
8-Bit Binary Data
68
NER
28
0
RID
0
EPP
RLE
ECP
RVB
RVN
68
NSR
29
NegOK
NegFl
HostTO
Invalid
4-Bit Negotiation Result Code
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com